Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34160DW Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34160DW
Description  MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34160DW Datasheet(HTML) 3 Page - ON Semiconductor

  MC34160DW Datasheet HTML 1Page - ON Semiconductor MC34160DW Datasheet HTML 2Page - ON Semiconductor MC34160DW Datasheet HTML 3Page - ON Semiconductor MC34160DW Datasheet HTML 4Page - ON Semiconductor MC34160DW Datasheet HTML 5Page - ON Semiconductor MC34160DW Datasheet HTML 6Page - ON Semiconductor MC34160DW Datasheet HTML 7Page - ON Semiconductor MC34160DW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC34160 MC33160
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 30 V, IO = 10 mA, Iref = 100 µA) For typical values TA = 25°C, for min/max
values TA is the operating ambient temperature range that applies [Notes 2 and 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
POWER WARNING COMPARATOR
Input Offset Voltage
VIO
1.2
10
mV
Input Bias Current (VPin 9 = 3.0 V)
IIB
0.5
µA
Input Hysteresis Current (VPin 9 = Vref – 100 mV)
RPin 10 = 24 k
RPin 10 = ∞
IH
40
4.5
50
7.5
60
11
µA
Output Sink Saturation (ISink = 2.0 mA)
VOL
0.13
0.4
V
Output Off–State Leakage (VOH = 40 V)
IOH
4.0
µA
UNCOMMITTED COMPARATOR
Input Offset Voltage (Output Transition Low to High)
VIO
20
mV
Input Hysteresis Voltage (Output Transition High to Low)
IH
140
200
260
mV
Input Bias Current (VPin 1, 2 = 2.6 V)
IIB
–1.0
µA
Input Common Mode Voltage Range
VICR
0.6 to 5.0
V
Output Sink Saturation (ISink = 2.0 mA)
VOL
0.13
0.4
V
Output Off–State Leakage (VOH = 40 V)
IOH
4.0
µA
TOTAL DEVICE
Chip Disable Threshold Voltage (Pin 15)
High State (Chip Disabled)
Low State (Chip Enabled)
VIH
VIL
2.5
0.8
V
Chip Disable Input Current (Pin 15)
High State (Vin = 2.5 V)
Low State (Vin = 0.8 V)
IIH
IIL
100
30
µA
Chip Disable Input Resistance (Pin 15)
Rin
50
100
k
Operating Voltage Range
VO (Pin 11) Regulated
Vref (Pin 16) Regulated
VCC
7.0 to 40
5.0 to 40
V
Power Supply Current
Standby (Chip Disable High State)
Operating (Chip Disable Low State)
ICC
0.18
1.5
0.35
3.0
mA
NOTES: 1. The maximum voltage range is –0.3 V to VCC or +35 V, whichever is less.
2. Tlow =0°C for MC34160
Thigh =70°C for MC34160
–40
°C for MC33160
85
°C for MC33160
3. Low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible.
Figure 1. Regulator Output Voltage Change
versus Source Current
Figure 2. Reference and Regulator Output
versus Supply Voltage
IO, REGULATOR OUTPUT SOURCE CURRENT (mA)
0
–4.0
–8.0
–12
–16
0
40
80
120
160
VCC = 7.5 V
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
0
102030
40
6.0
4.0
2.0
0
RL = 50 Ω
Regulator Output
Reference Output
RL = 1
TA = 25°C
RL = 1


Similar Part No. - MC34160DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160DW ONSEMI-MC34160DW Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160DWG ONSEMI-MC34160DWG Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160DWR2 ONSEMI-MC34160DWR2 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160DWR2G ONSEMI-MC34160DWR2G Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
More results

Similar Description - MC34160DW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com