Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-4890-TR2 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMP-4890-TR2
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-4890-TR2 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMP-4890-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-4890-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Typical Applications for HSMP-48XX Low Inductance Series
12
12
3
12
3
Figure 29. Internal Connections.
HSMP-4820 & HSMP-4890
HSMP-4810
3
0.5 nH
0.5 nH
0.3 pF*
0.5nH
*0.8pF TYPICAL FOR HSMP-3820
Figure 30. Equivalent Circuit.
*0.8 pF TYPICAL FOR HSMP-3820
Figure 32. Equivalent Circuit.
Figure 31. Circuit Layout.
0.25 nH
0.5 nH
0.3 pF*
Microstrip Series
Connection for HSMP-48XX Series
In order to take full advantage
of the low inductance of the
HSMP-48XX series when using
them in series application,
both lead 1 and lead 2 should be
connected together, as shown above.


Similar Part No. - HSMP-4890-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4890-TR2 HP-HSMP-4890-TR2 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-4890-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com