Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS5919T100J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # QS5919T100J
Description  LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS5919T100J Datasheet(HTML) 2 Page - Integrated Device Technology

  QS5919T100J Datasheet HTML 1Page - Integrated Device Technology QS5919T100J Datasheet HTML 2Page - Integrated Device Technology QS5919T100J Datasheet HTML 3Page - Integrated Device Technology QS5919T100J Datasheet HTML 4Page - Integrated Device Technology QS5919T100J Datasheet HTML 5Page - Integrated Device Technology QS5919T100J Datasheet HTML 6Page - Integrated Device Technology QS5919T100J Datasheet HTML 7Page - Integrated Device Technology QS5919T100J Datasheet HTML 8Page - Integrated Device Technology QS5919T100J Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
INDUSTRIALTEMPERATURERANGE
QS5919T
LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
PIN CONFIGURATION
QSOP
TOP VIEW
PLCC
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Rating
Max.
Unit
VDD, AVDD
Supply Voltage to Ground
–0.5 to +7
V
VIN
DC Input Voltage VIN
–0.5 to +7
V
Maximum Power
QSOP
655
mW
Dissipation (TA = 85°C)
PLCC
770
mW
TSTG
Storage Temperature Range
–65°C to +150°C
°C
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = 25° C, f = 1MHz, VIN = 0V)
QSOP
PLCC
Parameter
Typ.
Max.
Typ.
Max.
Unit
CIN
34
4
6
pF
20
19
18
15
16
23
22
24
21
17
VDD
GND
PLL_EN
GND
Q/2
Q3
LOCK
VDD
2xQ
Q1
25
28
27
26
VDD
Q2
GND
Q4
SO28-9
2
3
1
9
10
AVDD
PE
OE/RST
SYNC0
FEEDBACK
AGND
5
6
7
4
8
Q5
11
12
FREQ_SEL
SYNC1
GND
VDD
REF_SEL
13
14
Q0
GND
Q/2
GND
Q3
VDD
Q2
GND
LOCK
FEED BAC K
REF_SEL
SYN C0
AVDD
PE
AGND
SYN C1
28
43
21
27
26
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12
13
14
15
16
17
18
J28-1


Similar Part No. - QS5919T100J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5917T-100TJ IDT-QS5917T-100TJ Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T-100TJ RENESAS-QS5917T-100TJ Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
QS5917T-100TJG RENESAS-QS5917T-100TJG Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
More results

Similar Description - QS5919T100J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5930T IDT-QS5930T Datasheet
57Kb / 6P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV919 IDT-QS5LV919 Datasheet
98Kb / 12P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com