Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7991DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7991DP
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7991DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7991DP Datasheet HTML 1Page - Vishay Siliconix SI7991DP Datasheet HTML 2Page - Vishay Siliconix SI7991DP Datasheet HTML 3Page - Vishay Siliconix SI7991DP Datasheet HTML 4Page - Vishay Siliconix SI7991DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7991DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72515
S-32127—Rev. B, 27-Oct-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1
−3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 55_C
−5
mA
On-State Drain Currenta
ID(on)
VDS v −5 V, VGS = −10 V
−30
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −10.0 A
0.019
0.023
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −4.5 V, ID = −8.2 A
0.027
0.035
W
Forward Transconductancea
gfs
VDS = −15 V, ID = −10.0 A
22
S
Diode Forward Voltagea
VSD
IS = −2.9 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
38
57
Gate-Source Charge
Qgs
VDS = −15 V, VGS = −10 V, ID = −10.0 A
6.3
nC
Gate-Drain Charge
Qgd
9.7
Gate Resistance
Rg
f = 1 MHz
10
W
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = −15 V, RL = 15 W
15
25
Turn-Off Delay Time
td(off)
VDD = −15 V, RL = 15 W
ID ^ −1 A, VGEN = −10 V, RG = 6 W
130
200
ns
Fall Time
tf
70
105
Source-Drain Reverse Recovery Time
trr
IF = −2.9 A, di/dt = 100 A/ms
45
70
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
6
12
18
24
30
0
1234
5
VGS = 10 thru 4 V
TC = 125_C
−55_C
3 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)


Similar Part No. - SI7991DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7994DP VISHAY-SI7994DP Datasheet
514Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Vishay Telefunken
SI7994DP TFUNK-SI7994DP Datasheet
346Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7994DP VISHAY-SI7994DP Datasheet
347Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7994DP-T1-GE3 VISHAY-SI7994DP-T1-GE3 Datasheet
514Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 21-Apr-08
SI7994DP VISHAY-SI7994DP_V01 Datasheet
347Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7991DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com