Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCL15
Description  GENERAL PURPOSE MIDGET CLASS MCL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCL15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Edison Fuses - Fuse Holders Specifications
Power Products
1-8 00-6 3 3-0 4 0 5
26–62
Modular Fuseholder Selection Table
Series Size
Max Voltage
& Current
IEC UL
CSA
Phase
Configuration
No. of
17.5mm
Modules
Fuse
Holder
Without
Indication
Box
Qty.
Pc.
Wt.
(lbs.)
Price
Fuse
Holder
with
Neon
Indication
Box
Qty.
Pc.
Wt.
(lbs.)
Price
Wire
Range
Maximum
Torque
C
CH
HM
M
M
Miiddggeett C
Cllaassss
UL/CSA 600
VAC/DC,
30A (3 Watt)
IEC 690 VAC, 32A
1 pole
1
CHM1D
12
0.14
$48.00
CHM1DI
12
0.14
$64.00
1-16mm2
(18-8 AWG)
2.5 Nm
(22 lb-in)
2 pole
2
CHM2D
6
0.3
$50.00
CHM2DI
6
0.3
$65.00
3 pole
3
CHM3D
4
0.4
$50.00
CHM3DI
4
0.4
$66.00
C
CH
HC
CC
C
C
Cllaassss C
CC
C
UL/CSA
600VAC/DC, 30A
††
1 pole
1
CHCC1D
12
0.14
$56.00
CHCC1DI
12
0.14
$72.00
††
2 pole
2
CHCC2D
6
0.3
$58.00
CHCC2DI
6
0.3
$75.00
††
3 pole
3
CHCC3D
4
0.4
$58.00
CHCC3DI
4
0.4
$75.00
• Holder width as compared to standard 17.5mm module (1 = 17.5mm, 2 = 35mm)
† UL Recognized
†† UL Listed
Features
• Multiple-pole configurations
• Finger-safe protection
• Optional “open-fuse” indication
• Polyester material is UL 94V-0 rated,
self-extinguishing
• Multi-phase connections available for
ganging poles
• CE marking
Agency Approvals Class CC
• UL Listed to 512, Guide IZLT, File E14853
• CSA Certified, Std. C22.2 No. 39,
Class 6225-01, File LR47235
• IEC 60269
• IEC 60947
• CE Compliant
Agency Approvals Midget
• UL Recognized to 512, Guide IZLT2, File E14853
• CSA Certified, Std. C22.2 No. 39,
Class 6225-01, File LR47235
• IEC 60269
• IEC 60947
• CE Compliant
EDISON FUSES – FUSE HOLDERS
Fuse Holders Dimensions
unit = mm (in)


Similar Part No. - MCL15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
MCL101A VISHAY-MCL101A Datasheet
122Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
164Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
More results

Similar Description - MCL15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH4B-ULDC24V ETC2-RH4B-ULDC24V Datasheet
176Kb / 6P
   RH Series - General Purpose Midget Relays
logo
Littelfuse
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
logo
List of Unclassifed Man...
CC0201KRX5R4BB ETC1-CC0201KRX5R4BB Datasheet
374Kb / 18P
   General purpose & High capacitance Class 2, X5R
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com