Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M381L6523DUM-LB3 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M381L6523DUM-LB3
Description  DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M381L6523DUM-LB3 Datasheet(HTML) 4 Page - Samsung semiconductor

  M381L6523DUM-LB3 Datasheet HTML 1Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 2Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 3Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 4Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 5Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 6Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 7Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 8Page - Samsung semiconductor M381L6523DUM-LB3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 0.1 June 2005
CC(DDR400@CL=3)
B3(DDR333@CL=2.5)
Speed @CL2
-
133MHz
Speed @CL2.5
166MHz
166MHz
Speed @CL3
200MHz
-
CL-tRCD-tRP
3-3-3
2.5-3-3
184Pin Unbuffered DIMM based on 512Mb C-die (x8, x16)
• VDD : 2.5V ± 0.2V, VDDQ : 2.5V ± 0.2V for DDR333
• VDD : 2.6V ± 0.1V, VDDQ : 2.6V ± 0.1V for DDR400
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe [DQ] (x4,x8) & [L(U)DQS] (x16)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency : DDR333(2.5 Clock), DDR400(3 Clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height 1,250 (mil) & single (256, 512MB), double (1GB) sided
• SSTL_2 Interface
• 66pin TSOP II Pb-Free package
RoHS compliant
1.0 Ordering Information
2.0 Operating Frequencies
Part Number
Density
Organization
Component Composition
Height
M368L3324DUS-C(L)CC/B3
256MB
32M x 64
32Mx16 (K4H511638D) * 4EA
1,250mil
M368L6523DUS-C(L)CC/B3
512MB
64M x 64
64Mx8 (K4H510838D) * 8EA
1,250mil
M381L6523DUM-C(L)CC/B3
512MB
64M x 72
64Mx8 (K4H510838D) * 9EA
1,250mil
M368L2923DUN-C(L)CC/B3
1GB
128M x 64
64Mx8 (K4H510838D) * 16EA
1,250mil
M381L2923DUM-C(L)CC/B3
1GB
128M x 72
64Mx8 (K4H510838D) * 18EA
1,250mil
3.0 Feature


Similar Part No. - M381L6523DUM-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M381L6523BTM-CB3 SAMSUNG-M381L6523BTM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L6523BTM-CCC SAMSUNG-M381L6523BTM-CCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L6523BTM-LB3 SAMSUNG-M381L6523BTM-LB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L6523BTM-LCC SAMSUNG-M381L6523BTM-LCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L6523BUM-CB3 SAMSUNG-M381L6523BUM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results

Similar Description - M381L6523DUM-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com