Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS5919T70Q Datasheet(PDF) 9 Page - Integrated Device Technology

Part # QS5919T70Q
Description  LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS5919T70Q Datasheet(HTML) 9 Page - Integrated Device Technology

  QS5919T70Q Datasheet HTML 1Page - Integrated Device Technology QS5919T70Q Datasheet HTML 2Page - Integrated Device Technology QS5919T70Q Datasheet HTML 3Page - Integrated Device Technology QS5919T70Q Datasheet HTML 4Page - Integrated Device Technology QS5919T70Q Datasheet HTML 5Page - Integrated Device Technology QS5919T70Q Datasheet HTML 6Page - Integrated Device Technology QS5919T70Q Datasheet HTML 7Page - Integrated Device Technology QS5919T70Q Datasheet HTML 8Page - Integrated Device Technology QS5919T70Q Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
INDUSTRIALTEMPERATURERANGE
QS5919T
LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Turboclock is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
5919T
Low Skew TTL PLL Clock Driver with Integrated Loop Filter
QS
XX
Speed
XXXX
Device Type
X
Package
55
70
100
133
160
55M Hz Max. Frequency
70M Hz Max. Frequency
100MHz M ax. Frequency
133MHz M ax. Frequency
160MHz M ax. Frequency
Q
J
Quarter Size Outline Package (SO28-9)
Plastic Leaded Chip Carrier (J28-1)


Similar Part No. - QS5919T70Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5917T-100TJ IDT-QS5917T-100TJ Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T-100TJ RENESAS-QS5917T-100TJ Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
QS5917T-100TJG RENESAS-QS5917T-100TJG Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
More results

Similar Description - QS5919T70Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5930T IDT-QS5930T Datasheet
57Kb / 6P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV919 IDT-QS5LV919 Datasheet
98Kb / 12P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com