Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M381L2923DUM-LCC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M381L2923DUM-LCC
Description  DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M381L2923DUM-LCC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M381L2923DUM-LCC Datasheet HTML 2Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 3Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 4Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 5Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 6Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 7Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 8Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 9Page - Samsung semiconductor M381L2923DUM-LCC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 0.1 June 2005
(Populated as 1 bank of x16 DDR SDRAM Module)
6.1 256MB, 32M x 64 Non ECC Module (M368L3324DUS)
6.0 Functional Block Diagram
DQ13
DQ14
DQ12
DQ15
LDM
I/O 0
I/O 1
I/O 2
I/O 3
D0
DQ9
DQ10
DQ8
I/O 4
I/O 5
I/O 6
UDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
DQ3
DQ4
DQ7
DQ5
DQ2
DQ1
DQ6
DQ0
DQ29
DQ26
DQ25
DQ30
D1
DQ28
DQ27
DQ24
DQ31
DQ20
DQ23
DQ16
DQ19
DQ17
DQ22
DQ21
DQ18
D3
DM1
CS
CS
CS
LDQS
DQS1
DM0
DQS0
UDQS
A0 - A12
A0-A12: DDR SDRAMs D0 - D3
BA0 - BA1
BA0-BA1: DDR SDRAMs D0 - D3
RAS
RAS: DDR SDRAMs D0 - D3
CAS
CAS: DDR SDRAMs D0 - D3
CKE0
CKE: DDR SDRAMs D0 - D3
WE
WE: DDR SDRAMs D0 - D3
Clock Wiring
CK0/CK0
Clock
Input
DDR SDRAMs
CK1/CK1
NC
2 DDR SDRAMs
2 DDR SDRAMs
CK2/CK2
CS0
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D3
D0 - D3
VDD/VDDQ
D0 - D3
D0 - D3
VREF
VDDSPD
SPD
Notes:
1. DQ-to-I/O wiring is shown as recomended but
may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be
maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms + 5%.
4. BAx, Ax, RAS, CAS, WE resistors: 7.5 Ohms
+ 5%
DQ11
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
DQ41
DQ42
DQ45
DQ43
I/O 0
I/O 1
I/O 2
I/O 3
DQ44
DQ46
DQ40
I/O 4
I/O 5
I/O 6
DQ47
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
DQ35
DQ36
DQ39
DQ33
DQ38
DQ37
DQ34
DQ32
DQ57
DQ62
DQ56
DQ58
DQ61
DQ63
DQ60
DQ59
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ48
DQ51
DQ52
DQ50
DQ49
DQ55
DQ53
DQ54
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
D2
CS
LDM
DM5
LDQS
DQS5
UDM
DM0
DQS0
UDQS
LDM
DM3
LDQS
DQS3
UDM
DM0
DQS0
UDQS
LDM
DM3
LDQS
DQS3
UDM
DM0
DQS0
UDQS


Similar Part No. - M381L2923DUM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M381L2923BTM-CB3 SAMSUNG-M381L2923BTM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-CCC SAMSUNG-M381L2923BTM-CCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LB3 SAMSUNG-M381L2923BTM-LB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LCC SAMSUNG-M381L2923BTM-LCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BUM-CB3 SAMSUNG-M381L2923BUM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results

Similar Description - M381L2923DUM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com