Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3005 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TZA3005
Description  SDH/SONET STM1/OC3 and STM4/OC12 transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3005 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TZA3005 Datasheet HTML 4Page - NXP Semiconductors TZA3005 Datasheet HTML 5Page - NXP Semiconductors TZA3005 Datasheet HTML 6Page - NXP Semiconductors TZA3005 Datasheet HTML 7Page - NXP Semiconductors TZA3005 Datasheet HTML 8Page - NXP Semiconductors TZA3005 Datasheet HTML 9Page - NXP Semiconductors TZA3005 Datasheet HTML 10Page - NXP Semiconductors TZA3005 Datasheet HTML 11Page - NXP Semiconductors TZA3005 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Aug 05
8
Philips Semiconductors
Objective specification
SDH/SONET STM1/OC3 and
STM4/OC12 transceiver
TZA3005
The REFSEL0 and REFSEL1 inputs, in combination with
the MODE input, select the ratio between the output clock
frequency and the reference input frequency (see
Table 3). This ratio is adjusted for each of the four options
so that the reference frequency selected by REFSEL0 and
REFSEL1 is the same for all operating modes.
To ensure the TXSCLK frequency is accurate enough to
operate in a SONET system, the REFCLK input must be
generated from a differential PECL crystal oscillator with a
frequency accuracy better than 4.6 ppm for compliance
with
“ITU G.813 (option 1)”, or 20 ppm for “ITU G.813
(option 2)”.
The maximum value specified for reference clock jitter
must be guaranteed over the a 12 kHz to 1 MHz
bandwidth in order to comply with SONET jitter
requirements (see Table 4).
The on-chip PLL contains a phase detector, a loop filter
and a VCO. The phase detector compares the phases of
the output and REFCLK input signals. The loop filter
converts the phase detector output into a smooth DC
voltage that is used to vary the VCO frequency.
The VCO control voltage generated by the loop filter is
referenced to the average DC level in the output pulse train
generated by the phase discriminator. The corner
frequency is optimized to minimize output phase jitter.
Table 3
Reference frequency options
Table 4
Reference jitter limits
TIMING GENERATOR
The timing generator performs two functions. It provides a
byte rate version of the TXSCLK along with a mechanism
for phase aligning the incoming byte clock and the clock
that loads the parallel-to-serial shift register.
REFSEL0
REFSEL1
INPUT CLOCK
FREQUENCY
0
0
19.44 MHz
0
1
38.88 MHz
1
0
51.84 MHz
1
1
77.76 MHz
MAXIMUM REFERENCE
CLOCK JITTER IN
12 kHz TO 1 MHz BAND
OPERATING MODE
84 ps (p-p)
STM4/OC12
336 ps (p-p)
STM1/OC3
The SYNCLKDIV output is a byte rate version of TXSCLK.
For STM4/OC12, the SYNCLKDIV frequency is
77.76 or 155.52 MHz and for STM1/OC3, it is 19.44 or
38.88 MHz. SYNCLKDIV is intended for use as a byte
speed clock for upstream multiplexing and overhead
processing circuits. Using SYNCLKDIV for upstream
circuits will ensure a stable frequency and phase
relationship is maintained between the data entering and
leaving the TZA3005.
For parallel-to-serial conversion, the parallel input data is
transferred from the TXPCLK byte clock timing domain to
the internally generated byte clock timing domain, which is
phase aligned to TXPCLK.
The timing generator also produces a feedback reference
clock for the clock synthesizer. A counter divides the
synthesized clock down to the same frequency as the
reference clock REFCLK. The PLL in the clock synthesizer
maintains the stability of the synthesized clock by
comparing the phase of the feedback reference clock with
that of the reference clock (REFCLK). The modulus of the
counter is a function of the reference clock frequency and
the operating frequency.
PARALLEL-TO-SERIAL CONVERTER
The parallel-to-serial converter shown in Fig.1 contains
two byte-wide registers. The first register latches the data
from the parallel bus (TXPD0 to TXPD7) on the rising
edge of TXPCLK. The second register is a parallel loading
shift register which takes its input from the first register.
The parallel data transfer is controlled by an internally
generated byte clock, which is phase aligned with the
transmit serial clock (see Section “Timing generator”). The
TXSCLK signal is used to shift the serial data out of the
second register.
Receiver operation
The TZA3005 transceiver chip performs the first stage in
the digital processing of a STM1/OC3 or STM4/OC12
serial bitstream. It converts the 155.52 or 622.08 Mbits/s
data stream into a 19.44 or 77.76 Mbytes/s serial format.
In nibble mode, a parallel data stream of
38.88 or 155.52 MHz is generated. Diagnostic (transmitter
to receiver) and line (receiver to transmitter) loopback
modes are provided.
FRAME AND BYTE BOUNDARY DETECTION
The frame and byte boundary detection circuitry searches
the incoming data for three consecutive A1 bytes followed
immediately by three consecutive A2 bytes. Framing


Similar Part No. - TZA3005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com