Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3005 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TZA3005
Description  SDH/SONET STM1/OC3 and STM4/OC12 transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3005 Datasheet(HTML) 4 Page - NXP Semiconductors

  TZA3005 Datasheet HTML 1Page - NXP Semiconductors TZA3005 Datasheet HTML 2Page - NXP Semiconductors TZA3005 Datasheet HTML 3Page - NXP Semiconductors TZA3005 Datasheet HTML 4Page - NXP Semiconductors TZA3005 Datasheet HTML 5Page - NXP Semiconductors TZA3005 Datasheet HTML 6Page - NXP Semiconductors TZA3005 Datasheet HTML 7Page - NXP Semiconductors TZA3005 Datasheet HTML 8Page - NXP Semiconductors TZA3005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Aug 05
4
Philips Semiconductors
Objective specification
SDH/SONET STM1/OC3 and
STM4/OC12 transceiver
TZA3005
PINNING
SYMBOL
PIN
TYPE(1)
DESCRIPTION
VCC(TXCORE)
1
S
supply voltage (transmitter core)
GNDTXCORE
2
S
ground (transmitter core)
REFSEL0
3
I
reference clock select input 0
REFSEL1
4
I
reference clock select input 1
DGNDSYN
5
S
digital ground (synthesizer)
VCCD(SYN)
6
S
digital supply voltage (synthesizer)
VCCA(SYN)
7
S
analog supply voltage (synthesizer)
AGNDSYN
8
S
analog ground (synthesizer)
GNDSYNO
9
S
ground (synthesizer output)
STOPSYN
10
I
test input : synthesizer section shut down
RSTRX
11
I
test input : reset receive logic
GNDSUB
12
S
ground (substrate)
STOPTX
13
I
test input : transmit section shut down
REFCLKQ
14
I
inverted reference clock input
REFCLK
15
I
reference clock input
VCC(TXOUT)
16
S
supply voltage (transmitter output)
TXSD
17
O
serial data output
TXSDQ
18
O
inverted serial data output
GNDTXOUT
19
S
ground (transmitter output)
TXSCLKQ
20
O
inverted serial clock output
TXSCLK
21
O
serial clock output
SDTTL
22
I
TTL signal detect input
SDPECL
23
I
PECL signal detect input
RXSD
24
I
serial data input
RXSDQ
25
I
inverted serial data input
VCC(RXCORE)
26
S
supply voltage (receiver core)
RXSCLK
27
I
serial clock input
RXSCLKQ
28
I
inverted serial clock input
GNDRXCORE
29
S
ground (receiver core)
BUSWIDTH
30
I
4/8 bus width select input
LLEN
31
I
line loopback enable input (active LOW)
DLEN
32
I
diagnostic loopback enable input (active LOW)
OOF
33
I
out of frame enable input
GNDRXOUT
34
S
ground (parallel output)
FP
35
O
frame pulse output
RXPD0
36
O
parallel data output 0
RXPD1
37
O
parallel data output 1
VCC(RXOUT)
38
S
supply voltage (parallel output)
RXPD2
39
O
parallel data output 2
RXPD3
40
O
parallel data output 3


Similar Part No. - TZA3005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com