Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1447ECJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1447ECJ
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1447ECJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1447ECJ Datasheet HTML 5Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 6Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 7Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 8Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 9Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 10Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 11Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 12Page - Maxim Integrated Products MAX1447ECJ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs
with LED Drivers
_______________________________________________________________________________________
9
Pin Description
PIN
MAX1496
MAX1447/
MAX1498
NAME
FUNCTION
1
31
VNEG
-2.5V Charge-Pump Voltage Output. Connect a 0.1µF capacitor to GND.
232
REF-
Negative Reference Voltage Input. For internal-reference operation, connect REF- to GND.
For external-reference operation, bypass REF- to GND with a 0.1µF capacitor and set VREF-
from -2.2V to +2.2V, provided VREF+ > VREF-.
31
REF+
Positive Reference Voltage Input. For internal-reference operation, connect a 4.7µF
capacitor from REF+ to GND. For external-reference operation, bypass REF+ to GND with a
0.1µF capacitor and set VREF+ from -2.2V to +2.2V, provided VREF+ > VREF-.
42
AIN+
Positive Analog Input. Positive side of fully differential analog input. Bypass AIN+ to GND
with a 0.1µF or greater capacitor.
53
AIN-
Negative Analog Input. Negative side of fully differential analog input. Bypass AIN- to GND
with a 0.1µF or greater capacitor.
64
ISET
Segment Current Controller. Connect to ground through a resistor to set the segment
current. See Table 5 for current selection.
75
GND
Ground
8—
VDD
Analog and Digital Circuit Supply Voltage. Connect VDD to a +2.7V to +5.25V power supply.
Bypass VDD to GND with a 0.1µF capacitor and a 4.7µF capacitor.
98
INTREF
Internal-Reference Logic Input. Connect to GND to select external-reference mode. Connect
to DVDD for the MAX1447/MAX1498 and VDD for the MAX1496 to select the internal-
reference mode.
10
9
RANGE
Range Logic Input. RANGE controls the fully differential analog input range. Connect to
GND for the ±2V input range. Connect to DVDD (MAX1447/MAX1498) or VDD (MAX1496) for
the ±200mV input range.
11
10
DPSET1
Decimal-Point Logic-Input 1. Controls the decimal point of the LED. See the Decimal-Point
Control section.
12
11
DPSET2
Decimal-Point Logic-Input 2. Controls the decimal point of the LED. See the Decimal-Point
Control section.
13
12
PEAK
Peak Logic Input. Connect to DVDD (MAX1447/MAX1498) or VDD (MAX1496) to display the
highest ADC value on the LED. Connect to GND to disable the peak function.
14
13
HOLD
Hold Logic Input. Connect to DVDD (MAX1447/MAX1498) or VDD (MAX1496) to hold the
current ADC value on the LED. Connect to GND to update the LED at a rate of 2.5Hz and
disable the hold function. For the MAX1447, only placing the device into hold mode initiates
an offset mismatch calibration. Assert HOLD high for a minimum of 2s to ensure the
completion of offset mismatch calibration.
15
14
DIG0
Digit 0 Driver
16
15
DIG1
Digit 1 Driver
17
16
GLED
Ground for LED Display Digit Driver
18
17
DIG2
Digit 2 Driver


Similar Part No. - MAX1447ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
   Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS++ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
More results

Similar Description - MAX1447ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX1365 MAXIM-MAX1365 Datasheet
954Kb / 25P
   Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
Rev 1; 1/06
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com