Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10A02 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LT10A02
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LT10A02 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LT10A02 Datasheet HTML 1Page - Lite-On Technology Corporation LT10A02 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
CJ
@TA
=50 C
@TJ=100 C
POWER
SEMICONDUCTOR
LITE ON
LT10A01 thru LT10A07
PLASTIC SILICON RECTIFIERS
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC R-6 molded plastic
Polarity : Color band denotes cathode
Weight : 0.07 ounces, 2.1 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
LT10A03
200
140
200
LT10A01
50
35
50
LT10A07
1000
700
1000
LT10A02
100
70
100
LT10A06
800
560
800
LT10A05
600
420
600
LT10A04
400
280
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 10A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
Typical Junction
Capacitance (Note 1)
10.0
600
1.0
10
100
150
TJ
Operating Temperature Range
-55 to +125
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
10
C/W
pF
uA
V
A
A
V
UNIT
V
V
R-6
A
C
D
A
B
All Dimensions in millimeter
Max.
Min.
R-6
Dim.
A
D
C
B
25.4
9.10
-
8.60
1.20
8.60
9.10
1.30
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 10 Amperes
REV. 1, 24-May-2000


Similar Part No. - LT10A02

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
LT10.7 FRONTER-LT10.7 Datasheet
224Kb / 1P
   CERAMIC FILTER FOR FMR A D IO
logo
Vanlong Technology Co.,...
LT10.7M VANLONG-LT10.7M Datasheet
21Kb / 1P
   Ceramic Filter
logo
Token Electronics Indus...
LT10.7MA19 TOKEN-LT10.7MA19 Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
Shenzhen Luguang Electr...
LT10.7MA19 LUGUANG-LT10.7MA19 Datasheet
123Kb / 3P
   Ceramic Fliter
logo
Transko Electronics, In...
LT10.7MA19 TRANSKO-LT10.7MA19 Datasheet
375Kb / 1P
   CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT10A02

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com