Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10A01 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LT10A01
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LT10A01 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LT10A01 Datasheet HTML 1Page - Lite-On Technology Corporation LT10A01 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LITE ON
RATING AND CHARACTERISTIC CURVES
LT10A01 thru LT10A07
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
200
400
600
800
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
8.0
0
50
4.0
12.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
10.0
6.0
2.0
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
4
1
TJ = 25 C, f= 1MHz
REV. 1, 24-May-2000


Similar Part No. - LT10A01

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
LT10.7 FRONTER-LT10.7 Datasheet
224Kb / 1P
   CERAMIC FILTER FOR FMR A D IO
logo
Vanlong Technology Co.,...
LT10.7M VANLONG-LT10.7M Datasheet
21Kb / 1P
   Ceramic Filter
logo
Token Electronics Indus...
LT10.7MA19 TOKEN-LT10.7MA19 Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
Shenzhen Luguang Electr...
LT10.7MA19 LUGUANG-LT10.7MA19 Datasheet
123Kb / 3P
   Ceramic Fliter
logo
Transko Electronics, In...
LT10.7MA19 TRANSKO-LT10.7MA19 Datasheet
375Kb / 1P
   CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT10A01

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com