Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP463 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KP463
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KP463 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KP463 Datasheet HTML 4Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 5Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 6Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 7Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 8Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 9Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 10Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 11Page - List of Unclassifed Manufacturers KP463 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2001 Jun 22
8
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 461
URdc = 160 V; URac = 63 V
C
(E 24)
(pF)
DIMENSIONS
dmax × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
TAPED ON REEL
UNIDIRECTIONAL
TAPE DISTANCE 63.5 mm
C-tol
=±2%
C-tol
=±1%
C-tol
=±2%
C-tol
=±1%
catalogue number
last 5 digits
last 5 digits
last 5 digits
lt = 30.0 mm; dt = 0.60 ±0.06 mm
3600
5.0
× 11.0
0.5
2222 461 73602
.. 83602
.. 03602
.. 13602
3900
0.5
2222 461 73902
.. 83902
.. 03902
.. 13902
4300
0.5
2222 461 74302
.. 84302
.. 04302
.. 14302
4700
0.5
2222 461 74702
.. 84702
.. 04702
.. 14702
5100
0.5
2222 461 75102
.. 85102
.. 05102
.. 15102
5600
0.5
2222 461 75602
.. 85602
.. 05602
.. 15602
6200
0.6
2222 461 76202
.. 86202
.. 06202
.. 16202
lt = 28.0 mm; dt = 0.60 ±0.06 mm
6800
6.0
× 15.0
0.4
2222 461 76802
.. 86802
−−
7500
0.7
2222 461 77502
.. 87502
8200
0.6
2222 461 78202
.. 88202
9100
0.6
2222 461 79102
.. 89102
10000
0.7
2222 461 71003
.. 81003
11000
0.7
2222 461 71103
.. 81103
12000
0.7
2222 461 71203
.. 81203
13000
0.8
2222 461 71303
.. 81303
15000
0.8
2222 461 71503
.. 81503
16000
6.5
× 15.0
0.9
2222 461 71603
.. 81603
−−
18000
0.9
2222 461 71803
.. 81803
20000
1.0
2222 461 72003
.. 82003
22000
7.0
× 15.0
1.1
2222 461 72203
.. 82203
−−
24000
1.1
2222 461 72403
.. 82403
27000
7.5
× 15.0
1.2
2222 461 72703
.. 82703
−−
30000
8.0
× 15.0
1.3
2222 461 73003
.. 83003
−−
33000
1.4
2222 461 73303
.. 83303
36000
8.5
× 15.0
1.5
2222 461 73603
.. 83603
−−
39000
1.6
2222 461 73903
.. 83903


Similar Part No. - KP463

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP463 VISHAY-KP463 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
More results

Similar Description - KP463

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com