Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25811SXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY25811SXI
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY25811SXI Datasheet HTML 1Page - Cypress Semiconductor CY25811SXI Datasheet HTML 2Page - Cypress Semiconductor CY25811SXI Datasheet HTML 3Page - Cypress Semiconductor CY25811SXI Datasheet HTML 4Page - Cypress Semiconductor CY25811SXI Datasheet HTML 5Page - Cypress Semiconductor CY25811SXI Datasheet HTML 6Page - Cypress Semiconductor CY25811SXI Datasheet HTML 7Page - Cypress Semiconductor CY25811SXI Datasheet HTML 8Page - Cypress Semiconductor CY25811SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 2 of 11
Functional Description
The CY25811/12/14 products are Spread Spectrum Clock
Generator (SSCG) ICs used for the purpose of reducing
electromagnetic
interference
(EMI)
found
in
today’s
high-speed digital electronic systems.
The devices use a Cypress proprietary phase-locked loop
(PLL) and Spread Spectrum Clock (SSC) technology to
synthesize and modulate the frequency of the input clock. By
frequency modulating the clock, the measured EMI at the
fundamental and harmonic frequencies is greatly reduced.
This reduction in radiated energy can significantly reduce the
cost of complying with regulatory agency requirements and
improve time to market without degrading system perfor-
mance.
The input frequency range is 4 to 32 MHz and accepts clock,
crystal and ceramic resonator inputs. The output clock can be
selected to produce 1x, 2x, or 4x multiplication of the input
frequency with Spread Spectrum Frequency Modulation.
The use of 2x or 4x frequency multiplication eliminates the
need for higher order crystals and enables the user to
generate up to 128-MHz Spread Spectrum Clock (SSC) by
using only first order crystals. This will reduce the cost while
improving the system clock accuracy, performance and
complexity.
Center Spread or Down Spread frequency modulation can be
selected by the user based on four discrete values of
Spread % for each Spread Mode with the option of a
Non-Spread mode for system test and verification purposes.
The CY25811/12/14 products are available in an 8-pin SOIC
(150-mil.) package with a Commercial operating temperature
range of 0 to 70
°C and Industrial Temperature range of –40 to
85°C. Refer to CY25568 for multiple clock output options such
as modulated and unmodulated clock outputs or Power-down
function.
For
Automotive
applications,
refer
to
CY25811/12/14SE data sheet.
Input Frequency Range and Selection
The CY25811/12/14 input frequency range is 4 to 32 MHz.
This range is divided into three segments and controlled by
3-Level FRSEL pin as given in Table 1.
Spread% Selection
The CY25811/12/14 SSCG products provide Center-Spread,
Down-Spread and No-Spread functions. The amount of
Spread% is selected by using 3-Level S0 and S1 digital inputs
and Spread% values are given in Table 2.
Pin Definitions
Pin No.
Name
Type
Description
1Xin/CLK
Crystal, ceramic resonator or clock input pin.
2VSS
Power supply ground.
3S1
Digital Spread% control pin. 3-Level input (H-M-L). Default = M.
4S0
Digital Spread% control pin. 3-Level input (H-M-L). Default = M.
5
SSCLK
Spread Spectrum output clock.
6
FRSEL
Input frequency range selection digital control input. 3-Level input (H-M-L). Default = M.
7VDD
Positive power supply.
8XOUT
Crystal or ceramic resonator output pin.
Table 1. Input Frequency Selection
FRSEL
Input Frequency Range
0
4.0 to 8.0 MHz
1
8.0 to 16.0 MHz
M
16.0 to 32.0 MHz
Table 2. Spread% Selection
XIN
(MHz)
FRSEL
S1 = 0
S0 = 0
S1 = 0
S0 = M
S1 = 0
S0 = 1
S1 = M
S0 = 0
S1 = 1
S0 = 1
S1 = 1
S0 = 0
S1 = M
S0 = 1
S1 = 1
S0 = M
S1 = M
S0 = M
Center
(%)
Center
(%)
Center
(%)
Center
(%)
Down
(%)
Down
(%)
Down
(%)
Down
(%)
No Spread
4-5
0
±1.4
± 1.2
± 0.6
± 0.5
–3.0
–2.2
–1.9
–0.7
0
5-6
0
±1.3
± 1.1
± 0.5
± 0.4
–2.7
–1.9
–1.7
–0.6
0
6-7
0
±1.2
± 0.9
± 0.5
± 0.4
–2.5
–1.8
–1.5
–0.6
0
7-8
0
±1.1
± 0.9
± 0.4
± 0.3
–2.3
–1.7
–1.4
–0.5
0
8-10
1
±1.4
±1.2
± 0.6
± 0.5
–3.0
–2.2
–1.9
–0.7
0
10-12
1
±1.3
±1.1
± 0.5
± 0.4
–2.7
–1.9
–1.7
–0.6
0
12-14
1
±1.2
± 0.9
± 0.5
± 0.4
–2.5
–1.8
–1.5
–0.6
0
14-16
1
±1.1
± 0.9
± 0.4
± 0.3
–2.3
–1.7
–1.4
–0.5
0
16-20
M
±1.4
±1.2
± 0.6
± 0.5
–3.0
–2.2
–1.9
–0.7
0


Similar Part No. - CY25811SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811SXI CYPRESS-CY25811SXI Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SXI CYPRESS-CY25811SXI Datasheet
328Kb / 13P
   Spread Spectrum Clock Generator
CY25811SXIT CYPRESS-CY25811SXIT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SXIT CYPRESS-CY25811SXIT Datasheet
328Kb / 13P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25811SXI

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com