Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKTF72-12HK Datasheet(PDF) 6 Page - International Rectifier

Part # IRKTF72-12HK
Description  FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF72-12HK Datasheet(HTML) 6 Page - International Rectifier

  IRKTF72-12HK Datasheet HTML 1Page - International Rectifier IRKTF72-12HK Datasheet HTML 2Page - International Rectifier IRKTF72-12HK Datasheet HTML 3Page - International Rectifier IRKTF72-12HK Datasheet HTML 4Page - International Rectifier IRKTF72-12HK Datasheet HTML 5Page - International Rectifier IRKTF72-12HK Datasheet HTML 6Page - International Rectifier IRKTF72-12HK Datasheet HTML 7Page - International Rectifier IRKTF72-12HK Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRK.F72.. Series
6
Bulletin I27104 rev. A 09/97
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 4 - On-state Power Loss Characteristics
Fig. 3 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
140
0
1020304050607080
RMS Limit
Conduction Angle
Average On-state Curre nt (A)
180°
120°
90°
60°
30°
IRK.F72.. Series
Per Ju nction
T = 125°C
J
0
20
40
60
80
100
120
140
160
180
200
020
40
60
80
100
120
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
IRK.F72.. Series
Per Junction
T = 125°C
J
800
1000
1200
1400
1600
1800
2000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
IRK.F72.. Series
Per Junction
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
800
1000
1200
1400
1600
1800
2000
2200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
IRK.F72.. Series
Per Junction
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
100
1000
10000
12
345
67
89
10
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.F72.. Series
Per Junction
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
IRK.F72.. Series
Per Junction
Steady State Value:
R
= 0.25 K/W
(DC Operation)
thJC


Similar Part No. - IRKTF72-12HK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF101-08HJ IRF-IRKTF101-08HJ Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJ IRF-IRKTF101-08HJ Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJN IRF-IRKTF101-08HJN Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJN IRF-IRKTF101-08HJN Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HK IRF-IRKTF101-08HK Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF72-12HK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF82 IRF-IRKTF82 Datasheet
127Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK.F102 IRF-IRK.F102 Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com