Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33065DW Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33065DW
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33065DW Datasheet HTML 4Page - ON Semiconductor MC33065DW Datasheet HTML 5Page - ON Semiconductor MC33065DW Datasheet HTML 6Page - ON Semiconductor MC33065DW Datasheet HTML 7Page - ON Semiconductor MC33065DW Datasheet HTML 8Page - ON Semiconductor MC33065DW Datasheet HTML 9Page - ON Semiconductor MC33065DW Datasheet HTML 10Page - ON Semiconductor MC33065DW Datasheet HTML 11Page - ON Semiconductor MC33065DW Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC34065 MC33065
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 15. Representative Block Diagram
+
+
+
+
+
+
+
12
13
14
5
4
2
3
1
15
7
6
10
11
Vref
Sync Input
RT
CT
Voltage
Feedback 1
Compensation 1
Drive Enable
Voltage
Feedback 2
Compensation 2
Vin = 15 V
VCC
16
Q2
RS
Current Sense 2
Drive Output 2
Current Sense 1
Drive Output 1
RS
Q1
Gnd
8
Drive Gnd
9
= Sink Only
Positive True Logic
0.5 V
R
S
Q
R
R
PWM
Latch 2
S
R
Q
Current Sense
Comparator 2
2R
Error
Amp 2
Error
Amp 1
250
µA
1.0 mA
0.5 V
R
1.0 mA
Oscillator
3.6 V
+
20 k
Internal
Bias
Reference
Regulator
R
R
2.5 V
PWM
Latch 1
VCC
UVLO
+
Current Sense
Comparator 1
Vref
UVLO
2R
14 V
17 V
Latch 2
“Reset” Input
Figure 16. Timing Diagram
Sync Input
Capacitor CT
Latch 1
“Set” Input
Compensation 1
Current Sense 1
Latch 1
“Reset” Input
Drive Output 1
Drive Output 2
Enable
Latch 2
“Set” Input
Compensation 2
Current Sense 2
Drive Output 2


Similar Part No. - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Similar Description - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com