Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5329IREZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5329IREZ-T7
Description  Multi-Channel Buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5329IREZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5329IREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5329IREZ-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN7430.1
May 13, 2005
Description of Operation and Application
Information
Product Description
The EL5129 and EL5329 are fabricated using a high voltage
CMOS process. They exhibit rail to rail input and output
capability and have very low power consumption. When
driving a load of 10K and 12pF, the buffers have a
-3dB bandwidth of 10MHz and exhibit 9V/µs slew rate. The
VCOM amplifier has a -3dB bandwidth of 12MHz and exhibit
10V/µs slew rate.
Input, Output, and Supply Voltage Range
The EL5129 and EL5329 are specified with a single nominal
supply voltage from 5V to 15V or a split supply with its total
range from 5V to 15V. Correct operation is guaranteed for a
supply range from 4.5V to 16.5V.
The input common-mode voltage range of the EL5129 and
EL5329 within 500mV beyond the supply rails. The output
swings of the buffers and VCOM amplifier typically extend to
within 100mV of the positive and negative supply rails with
load currents of 5mA. Decreasing load currents will extend
the output voltage even closer to each supply rails.
Output Phase Reversal
The EL5129 and EL5329 are immune to phase reversal as
long as the input voltage is limited from VS- -0.5V to VS+
+0.5V. Although the device's output will not change phase,
the input's over-voltage should be avoided. If an input
voltage exceeds supply voltage by more than 0.6V,
electrostatic protection diode placed in the input stage of the
device begin to conduct and over-voltage damage could
occur.
Output Drive Capability
The EL5129 and EL5329 do not have internal short-circuit
protection circuitry. The buffers will limit the short circuit
current to ±120mA and the VCOM amplifier will limit the short
circuit current to ±170mA if the outputs are directly shorted
to the positive or the negative supply. If the output is shorted
indefinitely, the power dissipation could easily increase such
that the part will be destroyed. Maximum reliability is
maintained if the output continuous current never exceeds
±15mA for the buffers and ±100mA for the VCOM amplifier.
These limits are set by the design of the internal metal
interconnections.
The Unused Buffers
It is recommended that any unused buffers should have their
inputs tied to ground plane.
Power Dissipation
With the high-output drive capability of the EL5129 and
EL5329, it is possible to exceed the 125°C “absolute-
maximum junction temperature” under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if load conditions need to be modified for the
buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
when sourcing, and:
when sinking.
where:
• i = 1 to total number of buffers
•VS = Total supply voltage of buffer and VCOM
•ISMAX = Total quiescent current
•VOUTi = Maximum output voltage of the application
•VOUT = Maximum output voltage of VCOM
•ILOADi = Load current of buffer
•ILA = Load current of VCOM
If we set the two PDMAX equations equal to each other, we
can solve for the RLOAD's to avoid device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat. The maximum safe power
dissipation can be found graphically, based on the package
type and the ambient temperature. By using the previous
equation, it is a simple matter to see if PDMAX exceeds the
device's power derating curves.
PDMAX
TJMAX - TAMAX
Θ
JA
---------------------------------------------
=
PDMAX
VS IS ΣiVS+
(
[
VOUTi) ILOADi]
VS+
(
VOUT) ILA
×
+
×
×
+
×
=
PDMAX
VS IS ΣiV
(
OUTi
[
VS-) ILOADi]
VOUT
(
VS-) ILA
×
+
×
×
+
×
=
EL5129, EL5329


Similar Part No. - EL5329IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5329IREZ-T7 RENESAS-EL5329IREZ-T7 Datasheet
1,016Kb / 13P
   Multi-Channel Buffers
More results

Similar Description - EL5329IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5129 RENESAS-EL5129 Datasheet
1,016Kb / 13P
   Multi-Channel Buffers
logo
Intersil Corporation
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Fairchild Semiconductor
MM74C906 FAIRCHILD-MM74C906 Datasheet
53Kb / 5P
   Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
logo
Xilinx, Inc
DS626 XILINX-DS626 Datasheet
708Kb / 21P
   Parameterizable depth of channel buffers
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
National Semiconductor ...
MM54C906 NSC-MM54C906 Datasheet
106Kb / 4P
   Hex Open Drain N, P-Channel Buffers
logo
Maxim Integrated Produc...
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com