Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S022CIMT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC128S022CIMT
Description  8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S022CIMT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC128S022CIMT Datasheet HTML 1Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 2Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 3Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 4Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 5Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC128S022CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADC128S022
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
General Description
The ADC128S022 is a low-power, eight-channel CMOS 12-
bit analog-to-digital converter specified for conversion
throughput rates of 50 kSPS to 200 kSPS. The converter is
based on a successive-approximation register architecture
with an internal track-and-hold circuit. It can be configured to
accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible
with several standards, such as SPI, QSPI, MICROWIRE,
and many common DSP serial interfaces.
The ADC128S022 may be operated with independent ana-
log and digital supplies. The analog supply (V
A) can range
from +2.7V to +5.25V, and the digital supply (V
D) can range
from +2.7V to V
A. Normal power consumption using a +3V or
+5V supply is 1.2 mW and 7.5 mW, respectively. The power-
down feature reduces the power consumption to 0.06 µW
using a +3V supply and 0.25 µW using a +5V supply.
The ADC128S022 is packaged in a 16-lead TSSOP pack-
age. Operation over the extended industrial temperature
range of −40˚C to +105˚C is guaranteed.
Features
n
Eight input channels
n
Variable power management
n
Independent analog and digital supplies
n
SPI/QSPI/MICROWIRE/DSP compatible
n
Packaged in 16-lead TSSOP
Key Specifications
n
Conversion Rate
50 kSPS to 200 kSPS
n
DNL (V
A =VD = 5.0 V)
+1.0 / −0.7 LSB (max)
n
INL (V
A =VD = 5.0 V)
±1.0 LSB (max)
n
Power Consumption
— 3V Supply
1.2 mW (typ)
— 5V Supply
7.5 mW (typ)
Applications
n
Automotive Navigation
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20162705
Ordering Information
Order Code
Temperature Range
Description
ADC128S022CIMT
−40˚C to +105˚C
16-Lead TSSOP Package
ADC128S022CIMTX
−40˚C to +105˚C
16-Lead TSSOP Package, Tape & Reel
ADC128S022EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation.
MICROWIREis a trademark of National Semiconductor Corporation.
QSPIand SPIare trademarks of Motorola, Inc.
August 2005
© 2005 National Semiconductor Corporation
DS201627
www.national.com


Similar Part No. - ADC128S022CIMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT/NOPB TI1-ADC128S022CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022CIMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com