Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5001IRE-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5001IRE-T13
Description  6-Channel Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5001IRE-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5001IRE-T13 Datasheet HTML 1Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 2Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 3Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 4Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 5Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 6Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 7Page - Intersil Corporation EL5001IRE-T13 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN7376.2
January 31, 2005
Pinouts
EL5001
[20-PIN QFN (4mm x 4mm)]
TOP VIEW
EL5001
(20-PIN HSSOP)
TOP VIEW
1
2
3
4
15
14
13
12
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
THERMAL
PAD
5
IN5
11 OUT5
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
TRI
EN
IN1
IN2
IN3
IN4
IN5
IN6
INV1
INV2
GND
VH
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VL
NC
THERMAL
PAD
EL5001


Similar Part No. - EL5001IRE-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5001IRE-T13 RENESAS-EL5001IRE-T13 Datasheet
555Kb / 8P
   6-Channel Clock Driver
More results

Similar Description - EL5001IRE-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5001 RENESAS-EL5001 Datasheet
555Kb / 8P
   6-Channel Clock Driver
logo
Sony Corporation
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
   6-channel CCD Vertical Clock Driver
logo
Sanyo Semicon Device
LB8902M SANYO-LB8902M Datasheet
76Kb / 3P
   3-Channel Clock Driver
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Sanyo Semicon Device
LB1293 SANYO-LB1293 Datasheet
56Kb / 2P
   6-Channel Driver Array?
LB1294 SANYO-LB1294 Datasheet
62Kb / 3P
   6-Channel Driver Array?
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
   6-Channel LED Driver
May 9, 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com