Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1516ISZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL1516ISZ-T13
Description  Dual Ultra Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516ISZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL1516ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL1516ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7328.0
May 4, 2005
DYNAMIC PERFORMANCE
SR
Slew Rate
VO = ±2.5V square wave, measured 25%-75%
90
128
V/µs
TC SR
SR Temperature Coefficient
0.5
V/µs/°C
tS
Settling to 0.1% (AV = +2)
AV = +2, VO = ±1V
20
ns
BW1
-3dB Bandwidth
AV = -1, RF = 100Ω
350
MHz
BW2
-3dB Bandwidth
AV = +2, RF = 100Ω
250
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω
125
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω
117
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω
115
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω
110
dBc
ENABLE (EL1516AIY ONLY)
tEN
Enable Time
125
ns
tDIS
Disable Time
336
ns
IIHEN
EN Pin Input High Current
EN = VS+17
20
µA
IILEN
EN Pin Input Low Current
EN = VS-
7
20
nA
VIHEN
EN Pin Input High Voltage for Power-
down
VS+ -1
V
VIHEN
EN Pin Input Low Voltage for Power-up
VS- +3
V
Electrical Specifications
VS+ = +6V, VS- = -6V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, VCM = 0V, and TA = 25°C, unless
otherwise specified.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE (GAIN)
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
VS=±6V
AV=+2
RL=500Ω
0
-2
RF=100Ω
RF=1kΩ
RF=348Ω
RF=619Ω
VS=±6V
RF=348Ω
RL=500Ω
AV=10
AV=5
AV=2
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
EL1516, EL1516A


Similar Part No. - EL1516ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516ISZ-T13 INTERSIL-EL1516ISZ-T13 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516ISZ-T13 INTERSIL-EL1516ISZ-T13 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516ISZ-T13 RENESAS-EL1516ISZ-T13 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com