Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5126CL-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5126CL-T13
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5126CL-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5126CL-T13 Datasheet HTML 3Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 4Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 5Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 6Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 7Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 8Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 9Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 10Page - Intersil Corporation EL5126CL-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
I2C Timing Diagram 2
Analog Section
TRANSFER FUNCTION
The transfer function is:
where data is the decimal value of the 10-bit data binary
input code.
The output voltages from the EL5126 will be derived from
the reference voltages present at the VREFL and VREFH
pins. The impedance between those two pins is about 32k
Ω.
Care should be taken that the system design holds these two
reference voltages within the limits of the power rails of the
EL5126. GND < VREFH ≤ VS and GND ≤ VREFL ≤ VREFH.
In some LCD applications that require more than 8 channels,
the system can be designed such that one EL5126 will
provide the Gamma correction voltages that are more
positive than the VCOM potential. The second EL5126 can
provide the Gamma correction voltage more negative than
the VCOM potential. The Application Drawing shows a
system connected in this way.
CLOCK OSCILLATOR
The EL5126 requires an internal clock or external clock to
refresh its outputs. The outputs are refreshed at the falling OSC
clock edges. The output refreshed switches open at the rising
edges of the OSC clock. The driving load shouldn’t be changed
at the rising edges of the OSC clock. Otherwise, it will generate
a voltage error at the outputs. This clock may be input or output
via the clock pin labeled OSC. The internal clock is provided by
an internal oscillator running at approximately 21kHz and can
be output to the OSC pin. In a 2 chip system, if the driving loads
are stable, one chip may be programmed to use the internal
oscillator; then the OSC pin will output the clock from the
internal oscillator. The second chip may have the OSC pin
connected to this clock source.
For transient load application, the external clock Mode
should be used to ensure all functions are synchronized
together. The positive edge of the external clock to the OSC
pin should be timed to avoid the transient load effect. The
Application Drawing shows the LCD H rate signal used, here
the positive clock edge is timed to avoid the transient load of
the column driver circuits.
After power on, the chip will start with the internal oscillator
mode. At this time, the OSC pin will be in a high impedance
condition to prevent contention. By setting pin 32 to high, the
chip is on external clock mode. Setting pin 32 to low, the chip
is on internal clock mode.
tR
tF
tS tH
tS
tH
tR
tF
START
CONDITION
STOP CONDITION
DATA
CLOCK
START, STOP & TIMING DETAILS OF I2C INTERFACE
V
OUT IDEAL
)
(
V
REFL
=
data
1024
-------------
V
REFH - VREFL
()
×
+
EL5126


Similar Part No. - EL5126CL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5126CL-T13 INTERSIL-EL5126CL-T13 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126CL-T13 RENESAS-EL5126CL-T13 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5126CL-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com