Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34067 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34067
Description  HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34067 Datasheet(HTML) 1 Page - ON Semiconductor

  MC34067 Datasheet HTML 1Page - ON Semiconductor MC34067 Datasheet HTML 2Page - ON Semiconductor MC34067 Datasheet HTML 3Page - ON Semiconductor MC34067 Datasheet HTML 4Page - ON Semiconductor MC34067 Datasheet HTML 5Page - ON Semiconductor MC34067 Datasheet HTML 6Page - ON Semiconductor MC34067 Datasheet HTML 7Page - ON Semiconductor MC34067 Datasheet HTML 8Page - ON Semiconductor MC34067 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
MC34067
MC33067
HIGH PERFORMANCE
ZERO VOLTAGE SWITCH
RESONANT MODE
CONTROLLERS
PIN CONNECTIONS
Order this document by MC34067/D
P SUFFIX
PLASTIC PACKAGE
CASE 648
DW SUFFIX
PLASTIC PACKAGE
CASE 751G
(SO–16L)
16
1
(Top View)
Vref
Osc Charge
Osc RC
Osc Control Current
Gnd
Error Amp Out
Inverting Input
Noninverting Input
One–Shot RC
VCC
Drive Output B
CSoft–Start
Enable/UVLO
Adjust
Drive Output A
Power Gnd
Fault Input
Device
Operating
Temperature Range
Package
TA = 0 to + 70°C
TA = – 40° to + 85°C
ORDERING INFORMATION
MC34067DW
SO–16L
MC34067P
Plastic DIP
MC33067DW
SO–16L
MC33067P
Plastic DIP
SEMICONDUCTOR
TECHNICAL DATA
16
1
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Resonant Mode Controllers
The MC34067/MC33067 are high performance zero voltage switch
resonant mode controllers designed for off–line and dc–to–dc converter
applications that utilize frequency modulated constant off–time or constant
deadtime control. These integrated circuits feature a variable frequency
oscillator, a precise retriggerable one–shot timer, temperature compensated
reference, high gain wide bandwidth error amplifier, steering flip–flop, and
dual high current totem pole outputs ideally suited for driving power
MOSFETs.
Also included are protective features consisting of a high speed fault
comparator, programmable soft–start circuitry, input undervoltage lockout
with selectable thresholds, and reference undervoltage lockout.
These devices are available in dual–in–line and surface mount packages.
Zero Voltage Switch Resonant Mode Operation
Variable Frequency Oscillator with a Control Range Exceeding 1000:1
Precision One–Shot Timer for Controlled Off–Time
Internally Trimmed Bandgap Reference
4.0 MHz Error Amplifier
Dual High Current Totem Pole Outputs
Selectable Undervoltage Lockout Thresholds with Hysteresis
Enable Input
Programmable Soft–Start Circuitry
Low Startup Current for Off–Line Operation
Simplified Block Diagram
Noninverting
Input
11
8
6
16
3
2
1
Osc Charge
Enable /
UVLO Adjust
VCC
15
5
14
12
13
Vref UVLO
Error
Amp
VCC UVLO /
Enable
Fault Detector
2.5 V
Clamp
Soft–Start
One–Shot
Output B
Inverting Input
Soft–Start
7
Error Amp
Output
One–Shot
Oscillator
Control Current
Osc RC
9
Ground
4
Fault Input
10
Pwr Gnd
Output A
Vref
Variable
Frequency
Oscillator
Steering
Flip–Flop
5.0 V
Reference
© Motorola, Inc. 1999
Rev 1, 05/99


Similar Part No. - MC34067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067DW ONSEMI-MC34067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067DWG ONSEMI-MC34067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067DWR2 ONSEMI-MC34067DWR2 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

Similar Description - MC34067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396D ONSEMI-NCP1396D Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com