Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5126 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5126
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5126 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5126 Datasheet HTML 1Page - Intersil Corporation EL5126 Datasheet HTML 2Page - Intersil Corporation EL5126 Datasheet HTML 3Page - Intersil Corporation EL5126 Datasheet HTML 4Page - Intersil Corporation EL5126 Datasheet HTML 5Page - Intersil Corporation EL5126 Datasheet HTML 6Page - Intersil Corporation EL5126 Datasheet HTML 7Page - Intersil Corporation EL5126 Datasheet HTML 8Page - Intersil Corporation EL5126 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7337.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5126
8-Channel TFT-LCD Reference Voltage
Generator
The EL5126 is designed to produce
the reference voltages required in
TFT-LCD applications. Each output is
programmed to the required voltage with 10 bits of
resolution. Reference pins determine the high and low
voltages of the output range, which are capable of swinging
to either supply rail. Programming of each output is
performed using the serial interface.
A number of the EL5126 can be stacked for applications
requiring more than 8 outputs. The reference inputs can be
tied to the rails, enabling each part to output the full voltage
range, or alternatively, they can be connected to external
resistors to split the output range and enable finer
resolutions of the outputs.
The EL5126 has 8 outputs and is available in a 32-pin LPP
package. It is specified for operation over the full -40°C to
+85°C temperature range.
Features
• 8-channel reference outputs
• Accuracy of ±0.1%
• Supply voltage of 4.5V to 16.5V
• Digital supply 3.3V to 5V
• Low supply current of 10mA
• Rail-to-rail capability
•I2C control interface
Applications
• TFT-LCD drive circuits
• Reference voltage generators
Pinout
EL5126
(32-PIN LPP)
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL5126CL
32-Pin LPP
-
MDP0046
EL5126CL-T7
32-Pin LPP
7”
MDP0046
EL5126CL-T13
32-Pin LPP
13”
MDP0046
25
24
23
22
21
20
19
1
2
3
4
5
6
7
THERMAL
PAD
VS
VSD
VS
REFH
REFL
AGND
CAP
OUTA
OUTB
OUTC
OUTD
DGND
OUTE
OUTF
8
9
18
17
OUTG
OUTH
NC
VS
THERMAL
PAD
Data Sheet
April 2003


Similar Part No. - EL5126

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126CL INTERSIL-EL5126CL Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126CL RENESAS-EL5126CL Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126CL-T13 INTERSIL-EL5126CL-T13 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5126

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com