Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1848IWT-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL1848IWT-T7
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1848IWT-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL1848IWT-T7 Datasheet HTML 3Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 4Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 5Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 6Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 7Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 8Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 9Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 10Page - Intersil Corporation EL1848IWT-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 10A. 3 LEGS OF 3 LEDs IN A SERIES
FIGURE 10B. EFFICIENCY vs IO
FIGURE 10.
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 12. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
All performance curves and waveforms are taken with C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, L = 33µF, VIN = 3.3V, VCNTL = 1V, R1 =5Ω, 3 LEDs in a
series; unless otherwise specified.
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
15µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
5
5
3 LEGS OF 3 LEDs IN A SERIES
95
90
80
75
70
15
35
55
75
IO (mA)
L=SUMIDA CMD13D13-15µH
VIN=4.2V
VIN=2.7V
85
95
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θJA=115°C/W
MSOP8/10
0.8
0.5
0.7
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θJA=206°C/W
MSOP8/10
0.5
EL1848


Similar Part No. - EL1848IWT-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848IWT-T7 RENESAS-EL1848IWT-T7 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWT-T7A RENESAS-EL1848IWT-T7A Datasheet
693Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL1848IWT-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513 Datasheet
321Kb / 12P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com