Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1848 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1848
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1848 Datasheet(HTML) 1 Page - Intersil Corporation

  EL1848 Datasheet HTML 1Page - Intersil Corporation EL1848 Datasheet HTML 2Page - Intersil Corporation EL1848 Datasheet HTML 3Page - Intersil Corporation EL1848 Datasheet HTML 4Page - Intersil Corporation EL1848 Datasheet HTML 5Page - Intersil Corporation EL1848 Datasheet HTML 6Page - Intersil Corporation EL1848 Datasheet HTML 7Page - Intersil Corporation EL1848 Datasheet HTML 8Page - Intersil Corporation EL1848 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7427
EL1848
White LED Step-Up Regulator
The EL1848 is a constant current
boost regulator specially designed for
driving white LEDs. It can drive 3
LEDs in series or up to 9 LEDs in parallel/series
configuration and achieves efficiency up to 91%.
The brightness of the LEDs is adjusted through a voltage
level on the CNTL pin. When the level falls below 0.1V, the
chip goes into shut-down mode and consumes less than
1µA of supply current for VIN less than 5.5V.
The EL1848 is available in 8-pin TSOT and MSOP
packages. The TSOT is just 1mm high, compared to
1.45mm for the standard SOT-23 package.
Features
• 2.6V to 13.2V input voltage
• 14V maximum output voltage
• Drives up to 9 LEDs, 3 in a series
• 1MHz switching frequency
• Up to 91% efficiency
• 1µA maximum shut-down current
• Dimming control
• 8-pin TSOT and MSOP packages
• Pb-free Available
Applications
•PDAs
• Cellular phones
• Digital cameras
• White LED backlighting
Typical Connection
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL1848IWT-T7
8-Pin TSOT
7” (3K pcs)
MDP0049
EL1848IWT-T7A
8-Pin TSOT
7” (250 pcs)
MDP0049
EL1848IWTZ-T7
(See Note)
8-Pin TSOT
(Pb-free)
7” (3K pcs)
MDP0049
EL1848IWTZ-
T7A (See Note)
8-Pin TSOT
(Pb-free)
7” (250 pcs)
MDP0049
EL1848IY
8-Pin MSOP
-
MDP0043
EL1848IY-T7
8-Pin MSOP
7”
MDP0043
EL1848IY-T13
8-Pin MSOP
13”
MDP0043
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
C1
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
C3
0.1µF
C2
1µF
L
33µH
D
2.6V TO
5.5V
R1
VCTRL
5
Data Sheet
March 31, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL1848

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWT-T7 RENESAS-EL1848IWT-T7 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWT-T7A RENESAS-EL1848IWT-T7A Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWTZ-T7 RENESAS-EL1848IWTZ-T7 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWTZT7A RENESAS-EL1848IWTZT7A Datasheet
693Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL1848

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513 Datasheet
321Kb / 12P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com