Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3202 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3202
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3202 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3202 Datasheet HTML 1Page - National Semiconductor (TI) LM3202 Datasheet HTML 2Page - National Semiconductor (TI) LM3202 Datasheet HTML 3Page - National Semiconductor (TI) LM3202 Datasheet HTML 4Page - National Semiconductor (TI) LM3202 Datasheet HTML 5Page - National Semiconductor (TI) LM3202 Datasheet HTML 6Page - National Semiconductor (TI) LM3202 Datasheet HTML 7Page - National Semiconductor (TI) LM3202 Datasheet HTML 8Page - National Semiconductor (TI) LM3202 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3202
650mA Miniature, Adjustable, Step-Down DC-DC
Converter for RF Power Amplifiers
General Description
The LM3202 is a DC-DC converter optimized for powering
RF power amplifiers (PAs) from a single Lithium-Ion cell,
however they may be used in many other applications. It
steps down an input voltage from 2.7V to 5.5V to a variable
output voltage from 1.3V to 3.16V. Output voltage is set
using a V
CON analog input for controlling power levels and
efficiency of the RF PA.
The LM3202 offers superior performance for mobile phones
and similar RF PA applications. Fixed-frequency PWM op-
eration minimizes RF interference. Shutdown function turns
the device off and reduces battery consumption to 0.01 µA
(typ.).
The LM3202 is available in a 8-pin lead free micro SMD
package. A high switching frequency (2 MHz) allows use of
tiny surface-mount components. Only three small external
surface-mount components, an inductor and two ceramic
capacitors are required.
Features
n
2 MHz (typ.) PWM Switching Frequency
n
Operates from a single Li-Ion cell (2.7V to 5.5V)
n
Variable Output Voltage (1.3V to 3.16V)
n
Fast Output Voltage Transient (1.3V to 3.16V in 20µs)
n
650mA Maximum load capability
n
High Efficiency (96% Typ at 3.6V
IN, 3.16VOUT at 400mA)
from internal synchronous rectification
n
8-pin micro SMD Package
n
Current Overload Protection
n
Thermal Overload Protection
n
Soft Start function
Applications
n
Cellular Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application
20141501
FIGURE 1. LM3202 Typical Application
October 2005
© 2005 National Semiconductor Corporation
DS201415
www.national.com


Similar Part No. - LM3202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Shenzhen TOPWAY Technol...
LM320200AGO TOPWAY-LM320200AGO Datasheet
395Kb / 10P
   LCD Module User Manual
LM320200AGW TOPWAY-LM320200AGW Datasheet
186Kb / 10P
   LCD Module User Manual
LM320240BCW TOPWAY-LM320240BCW Datasheet
174Kb / 9P
   LCD Module User Manual
LM320240BFW TOPWAY-LM320240BFW Datasheet
153Kb / 9P
   LCD Module User Manual
More results

Similar Description - LM3202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com