Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5757-6DQ Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5757-6DQ
Description  UHF ASK/FSK TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5757-6DQ Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5757-6DQ Datasheet HTML 5Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 6Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 7Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 8Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 9Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 10Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 11Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 12Page - ATMEL Corporation ATA5757-6DQ Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
ATA5756/ATA5757
4702H–RKE–09/04
Accuracy of the Center
Frequency
The imaginary part of the impedance in large signal steady state oscillation IM
XTO, seen
into the pin 7 (XTO1), causes some additional frequency tolerances, due to pulling of
the XTO oscillation frequency. These tolerances have to be added to the tolerances of
the crystal itself (adjustment tolerance, temperature stability and ageing) and the influ-
ence to the center frequency due to tolerances of C
4, C5, CSwitch and CStray. The nominal
value of IM
XTO = 110 Ω, CSwitch and CStray should be absorbed into the C4 and C5 values
by using a crystal with known frequency and choosing C
4 and C5, so that the XTO cen-
ter frequency equals the crystal frequency, and the frequency deviation is as expected.
Then, from the nominal value, the IM
XTO has ±90 Ω tolerances, using the pulling formula
P = -IM
XTO × CM × π × fXTO with fXTO = 13.56 MHz and CM = 4.4 fF an additional fre-
quency tolerance of P = ±16.86 ppm results. If using crystals with other C
M the
additional frequency tolerance can be calculated in the same way. For example, a lower
C
M = 3.1 fF wi ll reduce the frequency tolera nc e to 11 .8 7 ppm, wh ere a hi gh er
C
M = 5.5 fF increases the tolerance to 21.07 ppm.
CLK Output
An output CLK signal of 1.64 MHz (ATA5756 operating at 315 MHz) and 1.69 MHz
(ATA5757 operating at 433.92 MHz) is provided for a connected microcontroller. The
delivered signal is CMOS-compatible with a High and Low time of >125 ns if the load
capacitance is lower than 20 pF. The CLK output is Low in power-down mode due to an
internal pull-down resistor. After enabling the PLL and XTO the signal stays Low until
the amplitude of the crystal oscillator has reached 35% to 80% of its amplitude. Then,
the CLK output is activated synchronously with its output signal so that the first period of
the CLK output signal is a full period.
Clock Pulse Take-over by
Microcontroller
The clock of the crystal oscillator can be used for clocking the microcontroller. Atmel’s
ATARx9x microcontroller family provides the special feature of starting with an inte-
grated RC oscillator to switch on the ATA5756/ATA5757’s external clocking and to wait
automatically until the CLK output of the ATA5756/ATA5757 is activated. After a time
period of 250 µs the message can be sent with crystal accuracy.
Output Matching and Power
Setting
The output power is set by the load impedance of the antenna. The maximum output
power is achieved with a load impedance of Z
Load, opt = 380 Ω + j340 Ω (ATA5756) at
315 MHz and Z
Load, opt = 280 Ω + j310 Ω (ATA5757) at 433.92 MHz. A low resistive path
to V
S is required to deliver the DC current (see Figure 9 on page 10).
The power amplifier delivers a current pulse and the maximum output power is delivered
to a resistive load if the 0.66 pF output capacitance of the power amplifier is compen-
sated by the load impedance.
At the ANT1 pin, the RF output amplitude is about V
S - 0.5 V.
The load impedance is defined as the impedance seen from the ATA5756’s ANT1,
ANT2 into the matching network. Do not mix up this large-signal load impedance with a
small-signal input impedance delivered as an input characteristic of RF amplifiers.
The latter is measured from the application into the IC instead of from the IC into the
application for a power amplifier.
The 0.66 pF output capacitance absorbed into the load impedance a real impedance of
684
Ω (ATA5756) at 315 MHz and 623 Ω (ATA5757) at 433.92 MHz should be mea-
sured with a network analyses at pin 5 (ANT1) with the ATA5756/ATA5757 soldered, an
optimized antenna connected and the power amplifier switched off.
Less output power is achieved by lowering the real parallel part where the parallel imag-
inary part should be kept constant. Lowering the real part of the load impedance also
reduces the supply voltage dependency of the output power.


Similar Part No. - ATA5757-6DQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5757-6DQY ATMEL-ATA5757-6DQY Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA5757-6DQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com