Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHP201K0F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHP201K0F
Description  20W TO-220 HIGH POWER RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MHP201K0F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHP201K0F Datasheet HTML 1Page - List of Unclassifed Manufacturers MHP201K0F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20W TO-220 HIGH POWER RESISTORS
Features………………………………………………………….
Non-inductive.
Thermally enhanced Industry standard TO220 package.
RoHS compliant.
Low thermal resistance, 5.9
°C/W resistor hot spot to metal tab.
Complete thermal flow design available for easy implementation.
Superior vibration durability.
Small thin package for high density PCB installation.
Applications………………………………………………………
High frequency circuits and high speed pulse designs.
Switch mode power supplies.
Motor control and drive circuits.
Automotive.
Industrial computing and measurement systems.
Specification
A
B
C
D
E
F
G
H
J
K
L
M
N
10.6
15.0
4.5
1.5
2.7
5.08
0.75
0.5
1.5
19.0
2.7
3.6
15.0
Specification
Item
Specifications
Test Conditions
Power Rating
20 Watts
-55 to 25
°C flange temperature
Power Rating
2.25 Watts
Free air.
Thermal Resistance
5.9
°C/W
Hot spot to Tab
Resistance Range
0.01-0.09
0.1-9.1
10-220
Up to 51 K
Ω also available
Nominal Resistance Series
E6
E12
E24
2.5
Ω and 5.0 Ω also available
TCR
250 ppm/
°C
100 ppm/
°C
50 ppm/
°C
-55 to +155
°C
Tolerance
+/- 5% (J)
5% (J)
+/-1% (F)
Operation Temp. Range
-55
°C to+155°C
Max. Operating Volt.
500V or
R
P.
Dielectric Withstanding Voltage
2000 Volts AC
60 seconds.
Load Life
∆R +/-(1.0 %+0.05
Ω)
25
°C, 90 min.ON,30 min.OFF,1000hours.
Humidity
∆R +/- (1.0 %+0.05
Ω)
40
°C,90-95%RH, DC 0.1W,1000hours.
Temp. Cycle
∆R +/- (0.25 %+0.05
Ω)
-55
°C,30 min.,+155 °C,30 min., 5 cycles
Soldering Heat
∆R +/- (0.1 %+0.05
Ω)
250+/-5
°C, 3 seconds,
Solder ability
Over 95% of surface
230+/-5
°C, 3 seconds.
Insulation Resistance
Over 1,000 M
Between terminals and tab.
Vibration
∆R +/- (0.25 %+0.05
Ω)
.
Specifications subject to change without notice
1
dia.M
MHP
A
C
D
J
G
F
E
H
Dimensions


Similar Part No. - MHP201K0F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
   20W TO220 High Power Resistors
More results

Similar Description - MHP201K0F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
   20W TO-126 HIGH POWER RESISTORS
logo
DB Lectro Inc
RNP-10S DBLECTRO-RNP-10S Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP20S100F ETC2-MHP20S100F Datasheet
658Kb / 3P
   20W TO126 High Power Resistors
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
   35W TO-220 HIGH POWER RESISTORS
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
   50W TO-220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
   20W TO220 High Power Resistors
logo
DB Lectro Inc
RNP-10 DBLECTRO-RNP-10 Datasheet
271Kb / 2P
   TO220 20W HIGH POWER RESISTORS
logo
Bi technologies
SMHP BITECH-SMHP Datasheet
799Kb / 2P
   20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
SMHP20500F BITECH-SMHP20500F Datasheet
792Kb / 2P
   20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
logo
List of Unclassifed Man...
AP821 ETC2-AP821 Datasheet
195Kb / 2P
   20 Watts TO-220 High Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com