Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKT500 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKT500
Description  SUPER MAGN-A-pak Power Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT500 Datasheet(HTML) 7 Page - International Rectifier

  IRKT500 Datasheet HTML 1Page - International Rectifier IRKT500 Datasheet HTML 2Page - International Rectifier IRKT500 Datasheet HTML 3Page - International Rectifier IRKT500 Datasheet HTML 4Page - International Rectifier IRKT500 Datasheet HTML 5Page - International Rectifier IRKT500 Datasheet HTML 6Page - International Rectifier IRKT500 Datasheet HTML 7Page - International Rectifier IRKT500 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRK.500.. Series
7
Bulletin I27401 rev. A 09/97
www.irf.com
Fig. 9 - On-state Power Loss Characteristics
Fig. 8 - On-state Power Loss Characteristics
Fig. 10 - On-state Voltage Drop Characteristics
Fig. 11 - Thermal Impedance Z
thJC
Characteristics
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
2
K/
W
0.0
3
K/W
0.05
K/W
0.08
K/W
0.12 K
/W
0.2 K/W
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.500.. Series
Single Phase Bridge
Connected
T
= 130°C
J
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
1
K/
W
- D
elt
a
R
0.0
2
K/W
0.0
3 K
/W
0.05
K/W
0.08
K/W
0.2 K/W
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
250
500
750
1000
1250
1500
Total Output Current (A)
120°
(Rect)
3 x IRK.500.. Series
Three Phase Bridge
Connected
T = 130°C
J
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 130°C
J
IRK.500.. Series
Per Junction
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
IRK.500.. Series
Per Junction
Steady State Value:
R
= 0.065 K/W
(DC Operation)
thJC


Similar Part No. - IRKT500

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT500/12 IRI-IRKT500/12 Datasheet
1Mb / 5P
   POWER MODULE
IRKT500/16 IRI-IRKT500/16 Datasheet
1Mb / 5P
   POWER MODULE
IRKT500/20 IRI-IRKT500/20 Datasheet
1Mb / 5P
   POWER MODULE
IRKT500/22 IRI-IRKT500/22 Datasheet
1Mb / 5P
   POWER MODULE
More results

Similar Description - IRKT500

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com