Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3405P Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC3405P
Description  DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3405P Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC3405P Datasheet HTML 2Page - ON Semiconductor MC3405P Datasheet HTML 3Page - ON Semiconductor MC3405P Datasheet HTML 4Page - ON Semiconductor MC3405P Datasheet HTML 5Page - ON Semiconductor MC3405P Datasheet HTML 6Page - ON Semiconductor MC3405P Datasheet HTML 7Page - ON Semiconductor MC3405P Datasheet HTML 8Page - ON Semiconductor MC3405P Datasheet HTML 9Page - ON Semiconductor MC3405P Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC3405
6
MOTOROLA ANALOG IC DEVICE DATA
Slope Can Be Either Polarity.
VCC = +15 V
VEE = Gnd
COMPARATOR SECTION
Figure 7. Normalized Input Offset Voltage
Figure 8. Input Bias Current
Figure 9. Normalized Input Offset Current
Figure 10. Output Sink Current versus
Output Voltage
Figure 11. Pulse Width Modulator Schematic and Waveforms
TA, AMBIENT TEMPERATURE (°C)
1.40
1.20
1.00
0.80
0.60
0.40
–60
–40
–20
0
20
40
60
80
100
120
140
Slope Can Be Either Polarity.
VCC = +15 V
VEE = Gnd
VCC, POSITIVE SUPPLY VOLTAGE (V)
200
160
120
80
40
2.0
6.0
10
14
18
22
26
30
VEE = Gnd
TA = +125°C
TA = –55°C
TA = +25°C
TA, AMBIENT TEMPERATURE (°C)
2.20
1.80
1.40
1.00
0.60
0.20
–60
–40
–20
0
20
40
60
80
100
120
140
VOL, OUTPUT VOLTAGE (mV)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
200
400
600
800
1000
TA = +125°C
TA = +25°C
TA = –55°C
VCC = +15 V
VEE = Gnd
(a) Oscillator Square Wave Output
VSW
VCC
VEE
Time
(b) Triangle Wave and Control Voltage
(c) Output Pulses
vt
VTH
VTL
Vout
VCC
VEE
Time
Time
Pulse Width =
when: VTL < VC < VTH
Duty Cycle in % =
(100)
Vc – VTL
Vc – VTL
1
f
Rf
1
5.0 k
6
5
11
Comp 2
VEE
VCC
4
7
Vout
10
9
C
8
vt
300 k
150 k
R2
R1
12
13
14
VCC
10 k
1.0 M
2
3
VC
+
+
+
+
5.0 k
5.0 k
VEE
R1
4RfCR2
VTH =
VS(1 + R2/R1) + VEE
Oscillator Frequency
f =
VS = VCC – VEE
1
2
VTL =
VS(1 – R2/R1) + VEE
1
2
5.0 k
VSW
VC
Comp 1
Amp 2
Amp 1
VTH –VTL
VTH –VTL


Similar Part No. - MC3405P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34051 MOTOROLA-MC34051 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34055DW MOTOROLA-MC34055DW Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
More results

Similar Description - MC3405P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com