Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3303P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC3303P
Description  QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3303P Datasheet(HTML) 1 Page - ON Semiconductor

  MC3303P Datasheet HTML 1Page - ON Semiconductor MC3303P Datasheet HTML 2Page - ON Semiconductor MC3303P Datasheet HTML 3Page - ON Semiconductor MC3303P Datasheet HTML 4Page - ON Semiconductor MC3303P Datasheet HTML 5Page - ON Semiconductor MC3303P Datasheet HTML 6Page - ON Semiconductor MC3303P Datasheet HTML 7Page - ON Semiconductor MC3303P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC3403
MC3303
SEMICONDUCTOR
TECHNICAL DATA
QUAD DIFFERENTIAL INPUT
OPERATIONAL AMPLIFIERS
ORDERING INFORMATION
MC3303D
MC3303P
MC3403D
MC3403P
TA = 0° to +70°C
TA = – 40° to +85°C
SO–14
Plastic DIP
SO–14
Plastic DIP
PIN CONNECTIONS
Order this document by MC3403/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
P SUFFIX
PLASTIC PACKAGE
CASE 646
14
14
1
1
1
2
3
4
5
6
78
9
10
11
12
13
14
+
+
+
+
Out 1
Inputs 1
VCC
VEE/Gnd
Inputs 2
Out 2
Out 4
Inputs 4
Inputs 3
Out 3
1
2
3
4
(Top View)
1
MOTOROLA ANALOG IC DEVICE DATA
Quad Low Power
Operational Amplifiers
The MC3403 is a low cost, quad operational amplifier with true differential
inputs. The device has electrical characteristics similar to the popular
MC1741C. However, the MC3403 has several distinct advantages over
standard operational amplifier types in single supply applications. The quad
amplifier can operate at supply voltages as low as 3.0 V or as high as 36 V
with quiescent currents
about one third of those associated with the
MC1741C (on a per amplifier basis).
The common mode input range
includes the negative supply, thereby eliminating the necessity for external
biasing components in many applications. The output voltage range also
includes the negative power supply voltage.
Short Circuit Protected Outputs
Class AB Output Stage for Minimal Crossover Distortion
True Differential Input Stage
Single Supply Operation: 3.0 V to 36 V
Split Supply Operation: ±1.5 V to ±18 V
Low Input Bias Currents: 500 nA Max
Four Amplifiers Per Package
Internally Compensated
Similar Performance to Popular MC1741C
Industry Standard Pinouts
ESD Diodes Added for Increased Ruggedness
3.0 V to 36 V
Single Supply
VEE, Gnd
1
2
3
4
VCC
VCC
2
3
4
VEE
1.5 V to 18 V
1.5 V to 18 V
Split Supplies
1
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
36
Split Supplies
VCC, VEE
±18
Input Differential Voltage Range (Note 1)
VIDR
±36
Vdc
Input Common Mode Voltage Range
(Notes 1, 2)
VICR
±18
Vdc
Storage Temperature Range
Tstg
–55 to +125
°C
Operating Ambient Temperature Range
TA
°C
MC3303
–40 to +85
MC3403
0 to +70
Junction Temperature
TJ
150
°C
NOTES: 1. Split power supplies.
2. For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
© Motorola, Inc. 1996
Rev 5


Similar Part No. - MC3303P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC3303P STMICROELECTRONICS-MC3303P Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Fairchild Semiconductor
MC3303P FAIRCHILD-MC3303P Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3303P ONSEMI-MC3303P Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3303P ONSEMI-MC3303P Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
MC3303PG ONSEMI-MC3303PG Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3303P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com