Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33465N-20CTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33465N-20CTR
Description  Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33465N-20CTR Datasheet(HTML) 1 Page - ON Semiconductor

  MC33465N-20CTR Datasheet HTML 1Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 2Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 3Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 4Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 5Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 6Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 7Page - ON Semiconductor MC33465N-20CTR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 3
1
Publication Order Number:
MC33465/D
MC33465
Micropower Undervoltage
Sensing Circuits with
Programmable Output Delay
The MC33465 series are micropower undervoltage sensing circuits
that are specifically designed for use with battery powered
microprocessor based systems, where extended battery life is required.
A choice of several threshold voltages from 0.9 V to 4.5 V are
available. This device features a very low quiescent bias current of 1.0
µA typical.
The MC33465 series features a highly accurate voltage reference, a
comparator with precise thresholds and built–in hysteresis to prevent
erratic reset operation, a choice of output configurations between open
drain or complementary, a time delayed output, which can be
programmed by the system designer, and guaranteed operation below
1.0 V with extremely low standby current. This device is available in a
SOT–23 5–pin surface mount package.
Applications include direct monitoring of the MPU/logic power
supply used in appliance, automotive, industrial and portable
equipment.
Features:
Extremely Low Standby Current of 1.0 µA at Vin = 3.5 V
Wide Input Voltage Range (0.7 V to 10 V)
Monitors Power Supply Voltages from 1.1 V to 5.0 V
High Accuracy Detector Threshold (±2.5%)
Two Reset Output Types (Open Drain or Complementary Drive)
Programmable Output Delay by External Capacitor
(100 ms typ. with 0.15
µF)
Surface Mount Package (SOT–23 5–Pin)
Convenient Tape and Reel (3000 per Reel)
Representative Block Diagrams
This device contains 28 active transistors.
MC33465N–YYATR
Open Drain Output Configuration
MC33465N–YYCTR
Complementary Output Configuration
YY Denotes Threshold Voltage
Vref
2
Input
1
Reset
3
Gnd
5CD
RD
Vref
2
Input
3
Gnd
5CD
RD
1
Reset
SOT–23–5
N SUFFIX
CASE 1212
http://onsemi.com
PIN CONNECTIONS
5
1
15
4
2
3
(Top View)
Reset
Input
Ground
CD
N/C
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC33465N-20CTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33465N-20CTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com