Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X96011V14IZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X96011V14IZ
Description  Temperature Sensor with Look Up Table Memory and DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96011V14IZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X96011V14IZ Datasheet HTML 3Page - Intersil Corporation X96011V14IZ Datasheet HTML 4Page - Intersil Corporation X96011V14IZ Datasheet HTML 5Page - Intersil Corporation X96011V14IZ Datasheet HTML 6Page - Intersil Corporation X96011V14IZ Datasheet HTML 7Page - Intersil Corporation X96011V14IZ Datasheet HTML 8Page - Intersil Corporation X96011V14IZ Datasheet HTML 9Page - Intersil Corporation X96011V14IZ Datasheet HTML 10Page - Intersil Corporation X96011V14IZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN8215.1
October 25, 2005
2-WIRE INTERFACE A.C. CHARACTERISTICS
2-WIRE INTERFACE TEST CONDITIONS
NONVOLATILE WRITE CYCLE TIMING
Notes: 1.
Cb = total capacitance of one bus line (SDA or SCL) in pF.
2.
tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It
is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
3.
The minimum frequency requirement applies between a START and a STOP condition.
4.
These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions / Notes
fSCL
SCL Clock Frequency
1(3)
400
kHz
See “2-Wire Interface Test
Conditions” (below),
See Figure 1, Figure 2 and
Figure 3.
tIN(4)
Pulse width Suppression Time at
inputs
50
ns
tAA(4)
SCL Low to SDA Data Out Valid
900
ns
tBUF(4)
Time the bus free before start of new
transmission
1300
ns
tLOW
Clock Low Time
1.3
1200(3)
µs
tHIGH
Clock High Time
0.6
1200(3)
µs
tSU:STA
Start Condition Setup Time
600
ns
tHD:STA
Start Condition Hold Time
600
ns
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
600
ns
tDH
Data Output Hold Time
50
ns
tR(4)
SDA and SCL Rise Time
20
+0.1Cb(1)
300
ns
tF(4)
SDA and SCL Fall Time
20
+0.1Cb(1)
300
ns
tSU:WP(4)
WP Setup Time
600
ns
tHD:WP(4)
WP Hold Time
600
ns
Cb(4)
Capacitive load for each bus line
400
pF
Input Pulse Levels
10 % to 90 % of Vcc
Input Rise and Fall Times, between 10% and 90%
10 ns
Input and Output Timing Threshold Level
1.4V
External Load at pin SDA
2.3k
Ω to Vcc and 100 pF to Vss
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions / Notes
tWC(2)
Nonvolatile Write Cycle Time
5
10
ms
See Figure 3
X96011


Similar Part No. - X96011V14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011V14IZ INTERSIL-X96011V14IZ Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14IZ RENESAS-X96011V14IZ Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
More results

Similar Description - X96011V14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com