Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33461SQ-45CTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33461SQ-45CTR
Description  Under Voltage Detector Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33461SQ-45CTR Datasheet(HTML) 1 Page - ON Semiconductor

  MC33461SQ-45CTR Datasheet HTML 1Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 2Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 3Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 4Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 5Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 6Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 7Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 8Page - ON Semiconductor MC33461SQ-45CTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 1999
November, 1999 – Rev. 2
1
Publication Order Number:
MC33460/D
MC33460, MC33461
Under Voltage Detector
Series
The MC33460 and MC33461 series are ultra–low power CMOS
under–voltage detectors with very tight threshold accuracy
specifically designed for accurate monitoring of power supplies. The
devices are optimized for use in battery powered systems where low
quiescent current and small packaging are required. The device
generates an active–low signal whenever the input voltage falls below
the factory set
±2% threshold. Hysteresis is provided to ensure reliable
output switching.
The MC33460/1 series features a highly accurate voltage reference,
a comparator with a precision voltage threshold, and built–in
hysteresis to prevent erratic operation and a choice of output
configurations between Open Drain (MC33460) and complementary
push–pull (MC33461). The products are offered in 9 standard voltage
thresholds ranging from 0.9V to 4.5V. Other threshold voltages from
1.0 to 5.0V are available in 100mV steps. The devices can operate to a
very low input voltage level and are housed in the ultra–miniature
SC–82AB package.
Features
Available in Open Drain or Push–Pull Output
Output State Guaranteed to Vin = 0.8 V
Tight Detector Voltage Accuracy (±2.0%)
Extended Temperature Operation (–40°C to 85°C)
Ultra Low Quiescent Current (0.8 µA at Vin = 1.5 V typical)
Wide Range of Operating Voltage (0.7 V to 10 V)
Applications
Low Battery Detector
Power–Fail Indicator
Microprocessor Reset Generator
Window Comparator
Battery Backup Circuit
Representative Block Diagrams
MC33460
Nch Open Drain Configuration
MC33461
CMOS Configuration
Vref
Vin
OUT
GND
Vref
Vin
OUT
GND
SC–82AB
SQ SUFFIX
CASE 419C
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
4
1
14
3
2
(Top View)
Vin
OUT
GND
N/C


Similar Part No. - MC33461SQ-45CTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30KT1 ONSEMI-MC33463H-30KT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30LT1 ONSEMI-MC33463H-30LT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
More results

Similar Description - MC33461SQ-45CTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com