Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X96011 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X96011
Description  Temperature Sensor with Look Up Table Memory and DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96011 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X96011 Datasheet HTML 5Page - Intersil Corporation X96011 Datasheet HTML 6Page - Intersil Corporation X96011 Datasheet HTML 7Page - Intersil Corporation X96011 Datasheet HTML 8Page - Intersil Corporation X96011 Datasheet HTML 9Page - Intersil Corporation X96011 Datasheet HTML 10Page - Intersil Corporation X96011 Datasheet HTML 11Page - Intersil Corporation X96011 Datasheet HTML 12Page - Intersil Corporation X96011 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN8215.1
October 25, 2005
INTERSIL SENSOR CONDITIONER PRODUCT FAMILY
FSO = Full Scale Output, Ext = External, Int = Internal
DEVICE DESCRIPTION
The combination of the X96011 functionality and Inter-
sil’s QFN package lowers system cost, increases reli-
ability, and reduces board space requirements.
The on-chip Programmable Current Generator may be
independently programmed to either sink or source
current. The maximum current generated is deter-
mined by using an externally connected programming
resistor, or by selecting one of three predefined val-
ues. Both current generators have a maximum output
of ±1.6 mA, and may be controlled to an absolute res-
olution of 0.39% (256 steps / 8 bit).
The current generator is driven using either an on-
board temperature sensor or Control Registers. The
internal temperature sensor operates over a very
broad temperature range (-40
°C to +100°C). The sen-
sor output drives an 8-bit A/D converter. The six MSBs
of the ADC output select one of 64 bytes from the non-
volatile look-up table (LUT).
The contents of the selected LUT row (8-bit wide)
drives the input of an 8-bit D/A converter, which gener-
ates the output current.
All control and setup parameters of the X96011,
including the look-up table, are programmable via the
2-wire serial port.
Device
Title
Features / Functions
Internal
Temperature
Sensor
External
Sensor
Input
Internal
Voltage
Reference
VREF
Input /
Ouput
General
Purpose
EEPROM
Look Up
Table
Organi-
zation
# of
DACs
FSO
Current
DAC
Setting
Resistors
X96010
Sensor Conditioner with
Dual Look-Up Table
Memory and DACs
No
Yes
Yes
Yes
No
Dual Bank
Dual
Ext
X96011
Temperature Sensor with
Look-Up Table Memory
and DAC
Yes
No
Yes
No
No
Single
Bank
Single
Int
X96012
Universal Sensor
Conditioner with Dual
Look-Up Table Memory
and DACs
Yes
Yes
Yes
Yes
Yes
Dual Bank
Dual
Ext / Int
X96011


Similar Part No. - X96011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Intersil Corporation
X96011V14I INTERSIL-X96011V14I Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14I RENESAS-X96011V14I Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Intersil Corporation
X96011V14IZ INTERSIL-X96011V14IZ Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
More results

Similar Description - X96011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com