Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC33IZQE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC33IZQE
Description  Low Power Stereo Audio Codec for Portable Audio/Telephony
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC33IZQE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC33IZQE Datasheet HTML 3Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 4Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 5Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 6Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 7Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 8Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 9Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 10Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLV320AIC33
MAY 6, 2005
PRELIMINARY INFORMATION REV.17
7
www.ti.com
The product described herein is a prototype product.
TI makes no warranty, either expressed, implied, or
statutory,
including
any
implied
warranty
or
merchantability or fitness for a specific purpose, as to
this product.
The information contined here concerns products in the
formative
or
design
phase
of
development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change
or discontinue these products without notice.
0-dB full-scale output voltage
0-dB gain to line outputs. DAC
output common-mode setting =
1.35V, output level control gain =
0-dB
1.414
VRMS
Signal-to-noise ratio, A-
weighted
(5)
Fs=48-kHz, 0-dB gain to line
outputs, zero signal applied,
referenced to full-scale input level
103
dB
Dynamic range, A-weighted
Fs=48-kHz, 0-dB gain to line
outputs, 1-kHz -60-dB signal
applied
103
dB
Total harmonic distortion
Fs=48-kHz, 1-kHz -1-dB full-scale
signal applied
-80
dB
Power supply rejection ratio
1-kHz, 100mVpp on AVDD_DAC,
AVDD_ADC, DRVDD1/2
TBD
dB
DAC channel separation (left to
right)
1-kHz, 0-dB
TBD
dB
DAC Digital Interpolation Filter Fs = 48-kHz
Passband
High-pass filter disabled
0.45*Fs
Hz
Passband ripple
High-pass filter disabled
TBD
dB
Transition band
0.45*Fs
0.55*Fs
Hz
Stopband
0.55*Fs
7.5*Fs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
Sec
Stereo Headphone Driver
Pseudo-differential output
configuration
(5)
0-dB full-scale output voltage
0-dB gain to high power outputs.
Output common-mode voltage
setting = 1.35V
0.707
VRMS
Programmable Output Common
Mode Voltage
First option
1.35
V
Second option
1.50
V
Third option
1.65
V
Fourth option
1.8
V
Maximum Programmable Output
Level Control Gain
9
dB
Programmable Output Level
Control Gain Step Size
1
dB
RL = 32Ω
15
Maximum output power, PO
RL = 16Ω
30
mW
Signal-to-noise ratio, A-
weighted
(6)
95
dB
1-kHz output, PO = 10mW
TBD
Total harmonic distortion
1-kHz output, PO = 20mW
TBD
dB
Power supply rejection ratio
1-kHz, 100mVpp on AVDD_ADC,
AVDD_DAC, DRVDD1/2
TBD
dB
Mute attenuation
1-kHz output
TBD
dB
Digital I/O


Similar Part No. - TLV320AIC33IZQE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC33IZQE BURR-BROWN-TLV320AIC33IZQE Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC33IZQER BURR-BROWN-TLV320AIC33IZQER Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC33IZQE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com