Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC33IZQE Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC33IZQE
Description  Low Power Stereo Audio Codec for Portable Audio/Telephony
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC33IZQE Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC33IZQE Datasheet HTML 1Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 2Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 3Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 4Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 5Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 6Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 7Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 8Page - Texas Instruments TLV320AIC33IZQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLV320AIC33
MAY 24, 2005
PRELIMINARY INFORMATION REV.17
4
www.ti.com
The product described herein is a prototype product.
TI makes no warranty, either expressed, implied, or
statutory,
including
any
implied
warranty
or
merchantability or fitness for a specific purpose, as to
this product.
The information contined here concerns products in the
formative
or
design
phase
of
development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change
or discontinue these products without notice.
PIN DESCRIPTION
BGA
BALL
QFN PIN
NUMBER
PIN NAME
DESCRIPTION
A2
13
MICBIAS
Microphone Bias Voltage Output
A1
14
MIC3R
MIC3 Input (Right or Multifunction)
C2,D2
15
AVSS_ADC
Analog ADC Ground Supply, 0V
B1,C1
16,17
VDDA1
ADC Analog and Output Driver Voltage Supply, 2.7V – 3.6V
D1
18
HPLOUT
High Power Output Driver (Left Plus)
E1
19
HPLCOM
High Power Output Driver (Left Minus or Multifunctional)
E2,F2
20,21
DRVSS
Analog Output Driver Ground Supply, 0V
F1
22
HPRCOM
High Power Output Driver (Right Minus or Multifunctional)
G1
23
HPROUT
High Power Output Driver (Right Plus)
H1
24
VDDA1
ADC Analog and Output Driver Voltage Supply, 2.7V – 3.6V
J1
25
AVDDA2
Analog DAC Voltage Supply, 2.7V – 3.6V
G2,H2
26
AVSS_DAC
Analog DAC Ground Supply, 0V
J2
27
MONO_LOP
Mono Line Output (Plus)
J3
28
MONO_LOM
Mono Line Output (Minus)
J4
29
LEFT_LOP
Left Line Output (Plus)
J5
30
LEFT_LOM
Left Line Output (Minus)
J6
31
RIGHT_LOP
Right Line Output (Plus)
J7
32
RIGHT_LOM
Right Line Output (Minus)
H8
33
/RESET
Reset
J8
34
GPIO2
General Purpose Input/Output #2 (Input/Output) / Digital Microphone
Data Input / PLL Clock Input / Audio Serial Data Bus Bit Clock
Input/Output
J9
35
GPIO1
General Purpose Input/Output #1 (Input/Output) / PLL/Clock Mux Output
/ Short Circuit Interrupt / AGC Noise Flag / Digital Microphone Clock /
Audio Serial Data Bus Word Clock Input/Output
H9
36
DVDD
Digital Core Voltage Supply, 1.525V – 1.95V
G8
37
MCLK
Master Clock Input
G9
38
BCLK
Audio Serial Data Bus Bit Clock (Input/Output)
F9
39
WCLK
Audio Serial Data Bus Word Clock (Input/Output)
E9
40
DIN
Audio Serial Data Bus Data Input (Input)
F8
41
DOUT
Audio Serial Data Bus Data Output (Output)
D9
42
DVSS
Digital Core / I/O Ground Supply, 0V
E8
43
SELECT
Select Pin (SPI vs I2C Control Mode)
C9
44
IOVDD
I/O Voltage Supply, 1.1V – 3.6V
B8
45
MFP0
Multifunction pin #0 - SPI Chip Select / GPI / I2C Address Pin #0
B9
46
MFP1
Multifunction pin #1 - SPI Serial Clock / GPI / I2C Address Pin #1
A8
47
MFP2
Multifunction pin #2 - SPI MISO Slave Serial Data Output / GPO
A9
48
MFP3
Multifunction pin #3 - SPI MOSI Slave Serial Data Input / GPI / Audio
Serial Data Bus Data Input
C8
1
SCL
I2C Serial Clock / GPIO
D8
2
SDA
I2C Serial Data Input/Output / GPIO
A7
NC
No Connect
A6
3
LINE1LP
MIC1 or Line1 Analog Input (Left Plus or Multifunction)


Similar Part No. - TLV320AIC33IZQE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC33IZQE BURR-BROWN-TLV320AIC33IZQE Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC33IZQER BURR-BROWN-TLV320AIC33IZQER Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC33IZQE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com