Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X93256 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X93256
Description  Dual Digitally Controlled Potentiometers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93256 Datasheet(HTML) 5 Page - Intersil Corporation

  X93256 Datasheet HTML 1Page - Intersil Corporation X93256 Datasheet HTML 2Page - Intersil Corporation X93256 Datasheet HTML 3Page - Intersil Corporation X93256 Datasheet HTML 4Page - Intersil Corporation X93256 Datasheet HTML 5Page - Intersil Corporation X93256 Datasheet HTML 6Page - Intersil Corporation X93256 Datasheet HTML 7Page - Intersil Corporation X93256 Datasheet HTML 8Page - Intersil Corporation X93256 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN8188.0
March 4, 2005
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
A.C. CONDITIONS OF TEST
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC1
VCC active current (Increment)
50
250
µA
CS = VIL, U/D = VIL or VIH and INC
= 0.4V @ max. tCYC VCC = 3V
200
300
CS = VIL, U/D = VIL or VIH and INC
= 0.4V @ max. tCYC VCC = 5V
ICC2
VCC active current (Store)
(EEPROM Store)
600
µA
CS = VIH, U/D = VIL or VIH and INC
= VIH @ max. tWR VCC = 3V
1400
µA
CS = VIH, U/D = VIL or VIH and INC
= VIH @ max. tWR VCC = 5V
ISB
Standby supply current
1µA
CS = VCC - 0.3V, U/D and INC =
VSS or VCC - 0.3V VCC = 3V
4µA
CS = VCC - 0.3V, U/D and INC =
VSS or VCC - 0.3V VCC = 5V
ILI
CS input leakage current
±1
µA
VIN = VCC
(5)
ILI
CS input leakage current
60
100
150
µA
VCC = 3V, CS = 0
(5)
ILI
CS input leakage current
120
200
250
µA
VCC = 5V, CS = 0
(5)
ILI
INC, U/D input leakage current
±1
µA
VIN = VSS to VCC
(5)
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
(5)
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
(5)
CIN(5)(7) CS, INC, U/D input capacitance
10
pF
VCC = 3V, VIN = VSS, TA =25°C,
f = 1MHz (6)
Parameter
Min.
Unit
Minimum endurance
200,000
Data changes per bit
Data retention
100
Years
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
Test Circuit #1
Circuit #2 SPICE Macro Model
Test Point
VH/RH
CH
CL
10pF
10pF
RH
RTOTAL
CW
25pF
RL
X93256


Similar Part No. - X93256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256 INTERSIL-X93256 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256 Datasheet
189Kb / 7P
   Dual Digitally Controlled Potentiometers(XDCPs??
X93256 INTERSIL-X93256 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
X93256 INTERSIL-X93256 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Renesas Technology Corp
X93256 RENESAS-X93256 Datasheet
410Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs™)
February 1, 2008
More results

Similar Description - X93256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com