Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X93256 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X93256
Description  Dual Digitally Controlled Potentiometers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93256 Datasheet(HTML) 3 Page - Intersil Corporation

  X93256 Datasheet HTML 1Page - Intersil Corporation X93256 Datasheet HTML 2Page - Intersil Corporation X93256 Datasheet HTML 3Page - Intersil Corporation X93256 Datasheet HTML 4Page - Intersil Corporation X93256 Datasheet HTML 5Page - Intersil Corporation X93256 Datasheet HTML 6Page - Intersil Corporation X93256 Datasheet HTML 7Page - Intersil Corporation X93256 Datasheet HTML 8Page - Intersil Corporation X93256 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN8188.0
March 4, 2005
PIN DESCRIPTIONS
TSSOP
Symbol
Brief Description
1RW1
RW1. The RW1 pin of the X93256 is the wiper terminal of the first potentiometer which is equivalent to the
movable terminal of a mechanical potentiometer.
2RL1
RL1. The RH1 and RL1 pins of the X93256 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is VSS and the maximum is VCC. The terminology of
RH1 and RL1 references the relative position of the terminal in relation to wiper movement
direction selected by the U/D input.
3CS1
Chip Select 1 (CS1). The first potentiometer is selected when the CS1 input is LOW. The current counter
value is stored in nonvolatile memory when CS1 is returned HIGH while the INC1 input is also HIGH. After
the store operation is complete, the first potentiometer of the X93256 will be placed in the low power
standby mode until the first potentiometer is selected once again.
4INC2
Increment 2 (INC2). The INC2 input is negative-edge triggered. Toggling INC2 will move the wiper of the
second potentiometer and either increment or decrement the counter in the direction indicated by the logic
level on the U/D2 input.
5U/D2
Up/Down 2 (U/D2). The U/D2 input controls the direction of the second potentiometer wiper
movement and whether the counter for the second potentiometer is incremented or decremented.
6RH2
RH2. The RH2 and RL2 pins of the X93256 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is VSS and the maximum is VCC. The terminology of
RH2 and RL2 references the relative position of the wiper terminal for the second potentiometer in relation
to the wiper movement direction selected by the U/D2 input.
7VSS
Ground.
8RW2
RW2. The RW2 pin of the X93256 is the wiper terminal of the second potentiometer which is
equivalent to the movable terminal of a mechanical potentiometer.
9RL2
RL2. The RH2 and RL2 pins of the X93256 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is VSS and the maximum is VCC. The terminology of
RH2 and RL2 references the relative position of the wiper terminal for the second potentiometer in relation
to the wiper movement direction selected by the U/D2 input.
10
CS2
Chip Select 2 (CS2). The second potentiometer is selected when the CS2 input is LOW. The current
counter value is stored in nonvolatile memory when CS2 is returned HIGH while the INC2 input is also
HIGH. After the store operation is complete, the second potentiometer of the X93256 will be placed in the
low power standby mode until the second potentiometer is selected once again.
11
VCC
Supply Voltage.
12
INC1
Increment 1(INC1). The INC1 input is negative-edge triggered. Toggling INC1 will move the wiper of the
first potentiometer and either increment or decrement the counter in the direction indicated by the logic
level on the U/D1 input.
13
U/D1
Up/Down 1 (U/D1). The U/D1 input controls the direction of the first potentiometer wiper movement and
whether the counter for the first potentiometer is incremented or decremented.
14
RH1
RH1. The RH1 and RL1 pins of the X93256 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is VSS and the maximum is VCC. The terminology of
RH1 and RL1 references the relative position of the wiper terminal for the first potentiometer in relation to
the wiper movement direction selected by the U/D1 input.
X93256


Similar Part No. - X93256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256 INTERSIL-X93256 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256 Datasheet
189Kb / 7P
   Dual Digitally Controlled Potentiometers(XDCPs??
X93256 INTERSIL-X93256 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
X93256 INTERSIL-X93256 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Renesas Technology Corp
X93256 RENESAS-X93256 Datasheet
410Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs™)
February 1, 2008
More results

Similar Description - X93256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com