Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X93156WM8IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X93156WM8IZ-2.7
Description  Digitally Controlled Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93156WM8IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X93156WM8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X93156WM8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN8182.2
September 16, 2005
Test Circuit #1
Circuit #2 SPICE Macro Model
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 5)
MAX
UNIT
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and INC = 0.4V
@ max. tCYC VCC=3V
50
250
µA
CS = VIL, U/D = VIL or VIH and INC = 0.4V
@ max. tCYC VCC = 5V
200
300
µA
ICC2
VCC active current (Store)
(EEPROM Store)
CS = VIH, U/D = VIL or VIH and INC = VIH @
max. tWR VCC = 3V
600
µA
CS = VIH, U/D = VIL or VIH and INC = VIH @
max. tWR VCC = 5V
1400
µA
ISB
Standby supply current
CS = VCC - 0.3V, U/D and INC = VSS or VCC
- 0.3V VCC = 3V
1µA
CS = VCC - 0.3V, U/D and INC = VSS or VCC
- 0.3V VCC = 5V
2µA
ILI
CS input leakage current
VIN = VCC
±1
µA
ILI
CS input leakage current
VCC = 3V, CS = 0
60
100
150
µA
ILI
CS input leakage current
VCC = 5V, CS = 0
120
200
250
µA
ILI
INC, U/D input leakage current
VIN = VSS to VCC
±1
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
CIN
(Notes 7, 8)
CS, INC, U/D input capacitance
VCC = 3V, VIN = VSS, TA = 25°C, f = 1MHz
10
pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
200,000
Data changes per bit
Data retention
100
Years
Test Point
VH/RH
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
CH
CL
10pF
10pF
RH
RTOTAL
CW
25pF
RL
AC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
100
ns
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC Inactive to CS inactive
1
µs
tCPH
CS Deselect time (NO STORE)
250
ns
X93156


Similar Part No. - X93156WM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7 INTERSIL-X93156WM8IZ-2.7 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X93156WM8IZ-2.7 RENESAS-X93156WM8IZ-2.7 Datasheet
403Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
More results

Similar Description - X93156WM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com