Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4702DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4702DY
Description  Load Switch with Level-Shift
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4702DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4702DY Datasheet HTML 1Page - Vishay Siliconix SI4702DY Datasheet HTML 2Page - Vishay Siliconix SI4702DY Datasheet HTML 3Page - Vishay Siliconix SI4702DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4702DY
Vishay Siliconix
Document Number: 71293
S-31874—Rev. E, 15-Sep-03
www.vishay.com
1
Load Switch with Level-Shift
PRODUCT SUMMARY
VDS2 (V)
rDS(on) (W)
ID (A)
30
0.024 @ VGS2 = 10 V
5.5
30
0.035 @ VGS2 = 4.5 V
4.5
S2
VIN
VON/OFF
S1
1
5, 6, 7
8
2
Q1
Q2
3, 4
SO-8
S1
VHV
VON/OFF
VIN
S2
VIN
S2
VIN
5
6
7
8
Top View
2
3
4
1
VHV
Ordering Information: Si4702DY
Si4702DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
30
Q2 Gate-Drive Voltage Referenced to S1 or S2
VHV
20
V
ON/OFF Voltage
VON/OFF
8
Load Current
Continuousa
IL
5.5
Load Current
Pulsed b
IL
"20
A
Continuous Intrinsic Diode Conductiona
IS
-1.15
Maximum Power Dissipationa
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500 W)
ESD
3
kV
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (t = steady state)a
RthJA
83
100
_C/W
Maximum Junction-to-Foot (Q2)
RthJC
25
30
_C/W
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF Characteristics
Reverse Leakage Current
IFL
VIN = 30 V, VON/OFF = 0 V, VHV = 0 V
1
mA
Diode Forward Voltage
VSD
IS = -1.15 A
0.7
1
V
ON Characteristics
On Resistance (Q2)
rDS( )
VON/OFF = 0 V, ID = 5.5 A, VHV = 10 V, VS2 = 0 V
0.019
0.024
W
On-Resistance (Q2)
rDS(on)
VON/OFF = 0 V, ID = 4.5 A, VHV = 4.5 V, VS2 = 0 V
0.028
0.035
W
On-State (Q2) Drain-Current
ID(on)
VIN - VOUT v 0.1 V, VIN = 5 V, VON/OFF = 0 V VHV = 10 V
15
A
Notes
a.
Surface Mounted on FR4 Board.
b.
Pulse test: pulse width v300 ms, duty cycle v2%.


Similar Part No. - SI4702DY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
Si4702 SILICONIMAGE-Si4702 Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4702 SILABS-SI4702 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4702 SILABS-SI4702 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4702 SILABS-SI4702 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
More results

Similar Description - SI4702DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com