Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X90100M8IT1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X90100M8IT1
Description  NV Electronically Programmable capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X90100M8IT1 Datasheet(HTML) 3 Page - Intersil Corporation

  X90100M8IT1 Datasheet HTML 1Page - Intersil Corporation X90100M8IT1 Datasheet HTML 2Page - Intersil Corporation X90100M8IT1 Datasheet HTML 3Page - Intersil Corporation X90100M8IT1 Datasheet HTML 4Page - Intersil Corporation X90100M8IT1 Datasheet HTML 5Page - Intersil Corporation X90100M8IT1 Datasheet HTML 6Page - Intersil Corporation X90100M8IT1 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN8156.0
February 2, 2005
Absolute Maximum Ratings
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, CP, and
CM with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
∆V = |VCP-VCM|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Lead temperature (soldering 10 seconds) . . . . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Capacitor Specifications
VCC = +5V, TA = 25°C, single ended mode, CM = 0V, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP (4)
MAX
UNIT
Absolute accuracy
±15
%
VCp
Cp terminal voltage
0
VCC
V
VCm
Cm terminal voltage
0
VCC
V
∆C
Capacitance increments
0.23
pF
∆C
Capacitance range
7pF
CTOTAL
Capacitance at Code=0
7.5
pF
CTOTAL
Capacitance at Code=31
14.5
pF
Q
Quality factor(5)
f = 315MHz
7
Resolution
5bits
INL
Absolute linearity error(1)
±0.15
lsb
DNL
Relative linearity error(2)
±0.15
lsb
TC1
CTOTAL Temperature Coefficient(5)
Differential Mode
±50
ppm/°C
VCC
Supply Voltage
2.7
5.5
V
Notes: (1) Absolute linearity is used to determine actual capacitance versus expected capacitance = C(n)(actual) - C(n) (expected) = ±0.15 Ml.
(2) Relative linearity is a measure of the error in step size between settings = C(n+1)-[C(n) + Ml] = ±0.15 Ml.
(3) lsb = least significant bit = CTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is not 100% tested.
DC Electrical Specifications
VCC = 5V, TA = 25°C unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP (4)
MAX
UNIT
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and
INC = 0.4V @ max. tCYC
50
100
µA
ICC2
VCC active current (Store) (EEPROM
Store)
CS = VIH, U/D = VIL or VIH and
INC =VIH @ max. tWR
250
500
µA
ISB
Standby supply current
CS = VCC - 0.3V, U/D and INC = VSS
or VCC - 0.3V
0.5
2
µA
ILI
CS, INC, U/D input leakage current
VIN = VSS
-15
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
CIN(5)
CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = 25°C,
f=1MHz
10
pF
X90100


Similar Part No. - X90100M8IT1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X90100M8I XICOR-X90100M8I Datasheet
104Kb / 10P
   NV Electronically Programmable Capacitor
More results

Similar Description - X90100M8IT1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X90100 XICOR-X90100 Datasheet
104Kb / 10P
   NV Electronically Programmable Capacitor
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Mechatronics, Inc.
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
   electronically commutated
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
   electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
   electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
   electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
   electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
   electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
   electronically commutated
logo
Cypress Semiconductor
CY8CNP102E CYPRESS-CY8CNP102E Datasheet
1Mb / 38P
   Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com