Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40435V14-C Datasheet(PDF) 9 Page - Intersil Corporation

Part # X40435V14-C
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40435V14-C Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X40435V14-C Datasheet HTML 5Page - Intersil Corporation X40435V14-C Datasheet HTML 6Page - Intersil Corporation X40435V14-C Datasheet HTML 7Page - Intersil Corporation X40435V14-C Datasheet HTML 8Page - Intersil Corporation X40435V14-C Datasheet HTML 9Page - Intersil Corporation X40435V14-C Datasheet HTML 10Page - Intersil Corporation X40435V14-C Datasheet HTML 11Page - Intersil Corporation X40435V14-C Datasheet HTML 12Page - Intersil Corporation X40435V14-C Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
FN8251.0
July 29, 2005
At power-up, the FDR is defaulted to all “0”. The sys-
tem needs to initialize this register to all “1” before the
actual monitoring can take place. In the event of any
one of the monitored sources fail. The corresponding
bit in the register will change from a “1” to a “0” to indi-
cate the failure. At this moment, the system should
perform a read to the register and note the cause of
the reset. After reading the register the system should
reset the register back to all “1” again. The state of the
FDR can be read at any time by performing a random
read at address 0FFh, using the special preamble.
The FDR can be read by performing a random read at
0FFh address of the register at any time. Only one
byte of data is read by the register read operation.
MRF, Manual Reset Fail Bit (Volatile)
The MRF bit will be set to “0” when Manual Reset
input goes active.
WDF, Watchdog Timer Fail Bit (Volatile)
The WDF bit will be set to “0” when the WDO goes
active.
LV1F, Low VCC Reset Fail Bit (Volatile)
The LV1F bit will be set to “0” when VCC (V1MON)
falls below VTRIP1.
LV2F, Low V2MON Reset Fail Bit (Volatile)
The LV2F bit will be set to “0” when V2MON falls
below VTRIP2.
LV3F, Low V3MON Reset Fail Bit (Volatile)
The LV3F bit will be set to “0” when the V3MON falls
below VTRIP3.
SERIAL INTERFACE
Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. Therefore, the devices in this fam-
ily operate as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 7.
Serial Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition has been
met. See Figure 8.
Serial Stop Condition
All communications must be terminated by a stop con-
dition, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used to place
the device into the Standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. See Figure 8.
Figure 8. Valid Start and Stop Conditions
SCL
SDA
Start
Stop
X40430, X40431, X40434, X40435


Similar Part No. - X40435V14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40435V14-C INTERSIL-X40435V14-C Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40435V14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com