Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317UV8-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9317UV8-2.7
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317UV8-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9317UV8-2.7 Datasheet HTML 7Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 8Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 9Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 10Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 11Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 12Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 13Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 14Page - Intersil Corporation X9317UV8-2.7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN8183.1
September 9, 2005
Applications Information
Electronic digitally controlled (XDCP) potentiometers provide
three powerful application advantages; (1) the variability and
reliability of a solid-state potentiometer, (2) the flexibility of
computer-based digital controls, and (3) the retentivity of
nonvolatile memory used for the storage of multiple
potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VREF
RW
VREF
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
RH
RL
Cascading Techniques
Buffered Reference Voltage
-
+
+5V
R1
+V
VREF
VOUT
LMC7101
RW
RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Single Supply Inverting Amplifier
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
-
VS
VO
R2
R1
100k
10k
10k
10k
+5V
LMC7101
Comparator with Hysteresis
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
-
R1
VO
LMC7101
+
-
VS
VO
R2
R1
LT311A
(for additional circuits see AN115)
+5V
R2
+5V
100K
100K
+5V
VS
VO = (R2/R1)VS
RW
X9317


Similar Part No. - X9317UV8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317UV8IZ INTERSIL-X9317UV8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317UV8IZ INTERSIL-X9317UV8IZ Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317UV8IZ RENESAS-X9317UV8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317UV8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com