Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7447A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC7447A
Description  PowerPC microprocessor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7447A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOTOROLA
MPC7447A Part Number Specification for the MC7447AnnnnNx Series
5
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by This Specification
Table 16 provides the ordering information for the MPC7447A parts described in this document.
1.11.3 Part Marking
Parts are marked as the example shown in Figure 22.
.
Table 16. Part Marking Nomenclature
xxx
7447A
HX
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application Modifier
Revision Level
MC
7447A
HX = HCTE
1000
1167
N: 1.1 V ± 50 mV
0 to 105
°C
B:1.1:
PVR = 8003 0101
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
Figure 22. Part Marking for BGA Device
Notes:
YWWWLAZ is the assembly traceability code.
AWYYYWW is the test code.
MMMMMM is the M00 (mask) number.
BGA
xxx7447A
HXnnnnNx
AWLYYWW
MMMMMM
7447A
YWWLAZ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC7447A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7447AHX1000LB NXP-MC7447AHX1000LB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
More results

Similar Description - MC7447A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
   PowerPC Personal Syetems Microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com