Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80203V20I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X80203V20I
Description  Power Supply Swquencer with Power-up System Mnitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80203V20I Datasheet(HTML) 4 Page - Intersil Corporation

  X80203V20I Datasheet HTML 1Page - Intersil Corporation X80203V20I Datasheet HTML 2Page - Intersil Corporation X80203V20I Datasheet HTML 3Page - Intersil Corporation X80203V20I Datasheet HTML 4Page - Intersil Corporation X80203V20I Datasheet HTML 5Page - Intersil Corporation X80203V20I Datasheet HTML 6Page - Intersil Corporation X80203V20I Datasheet HTML 7Page - Intersil Corporation X80203V20I Datasheet HTML 8Page - Intersil Corporation X80203V20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN8154.0
VGATE_ON
GATE_H, GATE_M
VDDH = 5.5V
9.0
10
11.0
V
GATE_L
7.0
8
9.0
GATE_H, GATE_M
VDDH = 3.1V
7.0
8
9.0
V
GATE_L
6.0
7.0
8.0
VGATE_OFF
Gate Voltage Drive (OFF) for GATE_H,
GATE_M, GATE_L
00.1
V
IGATE_ON
Gate Current Drive (ON) for GATE_H,
GATE_M, GATE_L
(Note 1)
20
35
45
µA
IGATE_OFF
Gate Sinking Current Drive (OFF) for
GATE_H, GATE_M, GATE_L
VDDH = 5.5V, VDDM = 0V,
VDDL = 0V, GATEH_EN = 0,
GATE_H = 5.5, GATE_L = 5.5,
GATE_M = 5.5 (Note 1)
910
11
mA
VHYST
VFB comparator
(Note 1) 25°C
15
20
25
mV
AC CHARACTERISTICS
tPURST
Delayed READY Output
(READY output delayed after VDDH rises
above UVLOH)
VDDH = 5.5V
10
12
15
ms
VDDH = 3.1V
40
80
tDELAY_UP
VDDH = 5.5V, CGATE = 0
600
750
900
µs
VDDH = 3.1V, CGATE = 0
6
ms
tDELAY_DOWN
VDDH = 5.5V
700
800
900
µs
VDDH = 3.1V
6
ms
tOFF
GATE_H, GATE_M, GATE_L
turn-off time
VDDH = 5.5V, (Note 1)
40
µs
VDDH = 3.1V, (Note 1)
80
µs
tON
GATE_H, GATE_M, GATE_L
turn-on time
VDDH = 5.5V, (Note 1)
0.5
0.6
0.7
ms
VDDH = 3.1V, (Note 1)
2
5
ms
tR
VDDH Rise Time
(Note 1)
1.0
µs
tF
VDDH Fall Time
(Note 1)
1.0
µs
Power Sequencing Control Circuits Over the recommended operating conditions unless otherwise specified (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDH
tR
tF
GATE_H, M, L
tON
tOFF
GATE_L
GATE_M
tDELAY_UP
tDELAY_DOWN
tPURST
UVLOH
VDDH
READY
X80200, X80201, X80202, X80203, X80204


Similar Part No. - X80203V20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80203V20I RENESAS-X80203V20I Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results

Similar Description - X80203V20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Rohm
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
   Biopolat System power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
   Bipolar System Power Supply
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
   System Power Supply; 24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com