Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33465N-45ATR Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33465N-45ATR
Description  Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33465N-45ATR Datasheet(HTML) 5 Page - ON Semiconductor

  MC33465N-45ATR Datasheet HTML 1Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 2Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 3Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 4Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 5Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 6Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 7Page - ON Semiconductor MC33465N-45ATR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC33465
http://onsemi.com
5
Vin, INPUT VOLTAGE (V)
0
12
Figure 7. CD Sink Current versus Input Voltage
10
8.0
6.0
0
0.5
1.0
1.5
2.0
3.0
TA = –30°C
4.0
2.5
VCD, VOLTAGE (V)
0
16
Figure 8. CD Sink Current versus CD Voltage
12
8.0
4.0
0
0.5
1.0
1.5
2.0
3.0
Vin = 2.5 V
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
–40
1.8
Figure 9. Delay Resistance versus Temperature
1.4
1.0
0.8
0.4
–20
0
20
40
80
0.6
60
–40
1.9
Figure 10. Detector Threshold versus Temperature
1.7
1.5
1.4
1.2
–20
0
20
40
80
MC33465N–27ATR
1.3
60
CD, DELAY CAPACITANCE (µF)
0.0001
1000
Figure 11. Output Delay Time versus
Delay Capacitance
100
10
1.0
0.01
0.001
0.01
0.1
0.1
25
°C
80
°C
MC33465N–27ATR
VOL = 0.5 V
2.0
14
10
6.0
Vin = 2.0 V
Vin = 1.5 V
1.6
1.2
TA, AMBIENT TEMPERATURE (°C)
Vin = 2.97 V
1.8
1.6
tD: Output Switch
Low to High
tPHL: Output Switch
High to Low
1


Similar Part No. - MC33465N-45ATR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33465N-45ATR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com