Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9E2G08B0M-PIB0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K9E2G08B0M-PIB0
Description  256M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9E2G08B0M-PIB0 Datasheet(HTML) 4 Page - Samsung semiconductor

  K9E2G08B0M-PIB0 Datasheet HTML 1Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 2Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 3Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 4Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 5Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 6Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 7Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 8Page - Samsung semiconductor K9E2G08B0M-PIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
FLASH MEMORY
4
K9E2G08B0M
Advanced
PIN CONFIGURATION (WSOP1)
K9E2G08B0M-VCB0,FCB0/VIB0,FIB0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
DNU
N.C
N.C
N.C
R/B
RE
CE
DNU
N.C
Vcc
Vss
N.C
DNU
CLE
ALE
WE
WP
N.C
N.C
DNU
N.C
N.C
N.C
N.C
DNU
N.C
I/O7
I/O6
I/O5
I/O4
N.C
DNU
N.C
Vcc
Vss
N.C
DNU
N.C
I/O3
I/O2
I/O1
I/O0
N.C
DNU
N.C
N.C
PACKAGE DIMENSIONS
48-PIN LEAD PLASTIC VERY VERY THIN SMALL OUT-LINE PACKAGE TYPE (I)
48 - WSOP1 - 1217F
Unit :mm
15.40±0.10
#1
#24
#48
#25
17.00±0.20
0.45~0.75
0.58±0.04
0.70 MAX
(0.01Min)


Similar Part No. - K9E2G08B0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-F SAMSUNG-K9E2G08U0M-F Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-P SAMSUNG-K9E2G08U0M-P Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-V SAMSUNG-K9E2G08U0M-V Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-Y SAMSUNG-K9E2G08U0M-Y Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
More results

Similar Description - K9E2G08B0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com