Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80073Q20I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X80073Q20I
Description  Hot Swap Controller with Advanced Fault Protection and Voltage Refulator Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80073Q20I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X80073Q20I Datasheet HTML 6Page - Intersil Corporation X80073Q20I Datasheet HTML 7Page - Intersil Corporation X80073Q20I Datasheet HTML 8Page - Intersil Corporation X80073Q20I Datasheet HTML 9Page - Intersil Corporation X80073Q20I Datasheet HTML 10Page - Intersil Corporation X80073Q20I Datasheet HTML 11Page - Intersil Corporation X80073Q20I Datasheet HTML 12Page - Intersil Corporation X80073Q20I Datasheet HTML 13Page - Intersil Corporation X80073Q20I Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8150.0
March 15, 2005
Figure 9. Overvoltage/Undervoltage for Primary and
Battery Backup
Overcurrent Protection (Circuit Breaker Function)
The X80070 overcurrent circuit provides the following functions:
– Overcurrent shut-down of the power FET and external
power good indicators.
– Noise filtering of the current monitor input.
– Relaxed overcurrent limits for initial board insertion.
– Overcurrent recovery retry operation.
Overcurrent shut-down
A sense resistor, placed in the supply path between VEE and
SENSE (see Figure 6) generates a voltage internal to the
X80070. When this voltage exceeds 50mV, an overcurrent
condition exists and an internal “circuit breaker” trips, turning
off the gate drive to the external FET. The actual overcurrent
level is dependent on the value of the current sense resistor.
For example a 20m
Ω sense resistor sets the overcurrent level
to 2.5A.
As shown in Figure 10, this overcurrent circuit block contains a
resistor ladder, a comparator, a noise filter and a voltage
reference to monitor for overcurrent conditions.
The overcurrent voltage threshold (VOC) is 50mV. This can be
factory set, by special order, to any setting between 30mV and
100mV.
If an overcurrent condition is detected, the GATE output is shut
down and the power good indicator goes inactive.
Overcurrent during insertion
Insertion is defined as the first plug-in of the board to the
backplane. In this case, the X80070 is initially fully powered off
prior to the hot plug connection to the main supply. This
condition is different from a situation where the main supply has
temporarily failed resulting in a partial recycle of the power. This
second condition will be referred to as a power cycle.
During insertion, the board can experience high levels of
current for short periods of time as power supply capacitors
charge up on the power bus. To prevent the overcurrent sensor
from turning off the FET inadvertently, the X80070 has the
ability to allow more current to flow through the power FET and
the sense resistor for a short period of time until the FET turns
on and the PWRGD signal goes active.
In the X80070, 150mV is allowed across sense resistor during
insertion (7.5A assuming a 20mW resistor). This provides a
mechanism to reduce insertion issues associated with huge
current surges. Insertion currents of 1X, 2X, or 4X are also
available. Please contact Intersil for these factory options.
After the PWRGD signal is asserted, the X80070 switches back
to the normal overcurrent setting.
Hardshort Protection - (Retry)
In the event on an overcurrent or hard short condition, the
X80070 includes a retry circuit. This circuit waits for 100ms,
then attempts to again turn on the FET. If the fault condition still
exists, the FET turns off and the sequence repeats. For
versions X80070 and X80072, this process continues indefinely
until the overcurrent condition does not exist. For the X80071
and X80073, this process repeats five times only, then will keep
the FET off and set the FAR pin active. After FAR is asserted, it
can be cleared using the master reset pin, MR, or cycling the
power-on VDD. When using the MR pin, the FAR output is
cleared upon MR assertion.
If an overcurrent condition does not occur on any retry, the gate
pin will proceed to open at the user defined slew rate.
Figure 10. Overcurrent Detection/Short Circuit
Protection.
Overcurrent noise filter
The X80070 has a noise (low pass) filter built into the
overcurrent comparator. The comparator will thus require
the current spikes to exceed the overcurrent limit for more
than 5µs.
Voltage
Voltage
2:1
Mux
Voltage
-48V
VUV/OV
BATT-ON
R1
R2
VUV1
VUV2
To Gate
To Gate
+
-
+
-
+
-
VOV
Reference
Reference
Reference
Control
Control
25K
450K
Overcurrent/
Gate
Short-Circuit
Retry Logic
RETRY
Voltage
5us
noise
38R
3R
+
-48V
Overcurrent Event
RSense
Reference
Delay
Control
Block
filtering
X80070, X80071, X80072, X80073


Similar Part No. - X80073Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80073Q20I RENESAS-X80073Q20I Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results

Similar Description - X80073Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
logo
Maxim Integrated Produc...
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Richtek Technology Corp...
RT1720 RICHTEK-RT1720 Datasheet
1Mb / 19P
   60V Hot Swap Controller with Fault Timer
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LTC4221 LINER-LTC4221_15 Datasheet
278Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
LTC4221 LINER-LTC4221 Datasheet
311Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
277Kb / 24P
   Ultralow Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com